Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM100 Datasheet (PDF) - List of Unclassifed Manufacturers

VLM100 Datasheet PDF - List of Unclassifed Manufacturers
Part # VLM100
Download  VLM100 Download
File Size   1251.25 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 96 W, Efficient, Compact Constant Voltage Class 2 LED Drivers

VLM100 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLM100 Datasheet PDF - List of Unclassifed Manufacturers

Part # VLM100
Download  VLM100 Click to download

File Size   1251.25 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 96 W, Efficient, Compact Constant Voltage Class 2 LED Drivers

VLM100 Datasheet (HTML) - List of Unclassifed Manufacturers


VLM100 Product details

FEATURES
Very high power density of 24 W/in3
Class 2 power supply
IP20-rated case with silicone-based potting
90°C maximum case hot spot temperature
Complies with ENERGY STAR®, DLC (DesignLight Consortium®)
and CA Title 24 technical requirements
Lifetime: 50,000 hours min at 70°C case temperature
UL Class P
Worldwide safety approvals




Similar Part No. - VLM100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLM100E-12 ETC-VLM100E-12 Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
VLM100E-12-T ETC-VLM100E-12-T Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
VLM100E-24 ETC-VLM100E-24 Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
VLM100E-24-T ETC-VLM100E-24-T Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
VLM100E-48 ETC-VLM100E-48 Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
More results


Similar Description - VLM100

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LMU-75V PAIRUI-LMU-75V Datasheet
351Kb / 3P
Constant voltage LED Drivers
LMU-50V PAIRUI-LMU-50V Datasheet
349Kb / 3P
Constant voltage LED Drivers
LMSB-30V PAIRUI-LMSB-30V Datasheet
347Kb / 3P
Constant voltage LED Drivers
LMSA-20V PAIRUI-LMSA-20V Datasheet
352Kb / 3P
Constant voltage LED Drivers
LMB-30V PAIRUI-LMB-30V Datasheet
356Kb / 3P
Constant voltage LED Drivers
LEU-100V PAIRUI-LEU-100V Datasheet
529Kb / 4P
Constant voltage LED Drivers
LEU-60V PAIRUI-LEU-60V Datasheet
523Kb / 4P
Constant voltage LED Drivers
LEU-35V PAIRUI-LEU-35V Datasheet
517Kb / 4P
Constant voltage LED Drivers
LEU-20V PAIRUI-LEU-20V Datasheet
524Kb / 4P
Constant voltage LED Drivers
logo
List of Unclassifed Man...
VLM100W-24 ETC-VLM100W-24 Datasheet
864Kb / 1P
96 W, Efficient, Compact Non-Dimmable CV Class 2 / Class II LED Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com