Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1333872 Datasheet (PDF) - PHOENIX CONTACT

1333872 Datasheet PDF - PHOENIX CONTACT
Part # 1333872
Download  1333872 Download
File Size   360.59 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LPTA 16/ 4-15,0-ZB - PCB terminal block

1333872 Datasheet (PDF)

Go To PDF Page Download Datasheet
1333872 Datasheet PDF - PHOENIX CONTACT

Part # 1333872
Download  1333872 Click to download

File Size   360.59 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LPTA 16/ 4-15,0-ZB - PCB terminal block

1333872 Datasheet (HTML) - PHOENIX CONTACT


1333872 Product details

PCB terminal block, nominal current: 76 A, rated voltage (III/2): 1000 V, nominal cross section:
16 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product
range: LPTA 16/, pitch: 15 mm, connection method: Lever Push-in connection, mounting: Wave
soldering, conductor/PCB connection direction: 30 °, color: green, Pin layout: Zigzag pinning W,
Solder pin [P]: 3.8 mm, type of packaging: packed in cardboard

Your advantages
• Tool-free lever principle enables time-saving connection and release of conductors with/without ferrules
• Clear lever positions provide reliable feedback on opened or closed clamping spaces
• Defined contact force ensures that contact remains stable over the long term
• Time-saving push-in connection when lever is closed
• Intuitive operation, thanks to a color-coded actuation lever




Similar Part No. - 1333872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1333870 PHOENIX-1333870 Datasheet
356Kb / 10P
LPTA 16/ 2-15,0-ZB - PCB terminal block
1333871 PHOENIX-1333871 Datasheet
361Kb / 10P
LPTA 16/ 3-15,0-ZB - PCB terminal block
1333873 PHOENIX-1333873 Datasheet
359Kb / 10P
LPTA 16/ 5-15,0-ZB - PCB terminal block
More results


Similar Description - 1333872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1333817 PHOENIX-1333817 Datasheet
355Kb / 10P
LPTA 16/ 2-10,0-ZB - PCB terminal block
1333818 PHOENIX-1333818 Datasheet
358Kb / 10P
LPTA 16/ 3-10,0-ZB - PCB terminal block
1333821 PHOENIX-1333821 Datasheet
362Kb / 10P
LPTA 16/ 4-10,0-ZB - PCB terminal block
1333822 PHOENIX-1333822 Datasheet
362Kb / 10P
LPTA 16/ 5-10,0-ZB - PCB terminal block
1333823 PHOENIX-1333823 Datasheet
361Kb / 10P
LPTA 16/ 6-10,0-ZB - PCB terminal block
1333826 PHOENIX-1333826 Datasheet
360Kb / 10P
LPTA 16/ 7-10,0-ZB - PCB terminal block
1333870 PHOENIX-1333870 Datasheet
356Kb / 10P
LPTA 16/ 2-15,0-ZB - PCB terminal block
1333871 PHOENIX-1333871 Datasheet
361Kb / 10P
LPTA 16/ 3-15,0-ZB - PCB terminal block
1333873 PHOENIX-1333873 Datasheet
359Kb / 10P
LPTA 16/ 5-15,0-ZB - PCB terminal block
1034124 PHOENIX-1034124 Datasheet
348Kb / 12P
SPTA 16/ 4-15,0-ZB - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com