Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW106 Datasheet (PDF) - Silicon Laboratories

AMW106 Datasheet PDF - Silicon Laboratories
Part # AMW106
Download  AMW106 Download
File Size   4063.73 Kbytes
Page   37 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.

AMW106 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMW106 Datasheet PDF - Silicon Laboratories

Part # AMW106
Download  AMW106 Click to download

File Size   4063.73 Kbytes
Page   37 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.

AMW106 Datasheet (HTML) - Silicon Laboratories


AMW106 Product details

General Features
 Self-contained ultra-low power Wi-Fi module with
microcontroller and support for ZentriOS-W
firmware (AMW006/AMW106) and ZentriOS-WZ
firmware (AMW106), including industry standard
SSL/TLS secure TCP/IP network stack.
 Integrated SPI-serial flash for software upgrades
and user accessible read/write file system
Wi-Fi
 Cypress single band 2.4GHz IEEE 802.11b/g/n 1x1
Wi-Fi transceiver
 Includes support for all Wi-Fi security modes
including Open, WEP, WPA, and WPA2-PSK
Microprocessor
 ARM Cortex® M4 based microprocessor
 AMW006: operates up to 84MHz core frequency
 AMW106: operates up to 100MHz core frequency
RAM
 AMW006: 96 KB
 AMW106: 128 KB
Interfaces*
 UART: 2 x 4-wire up to 10.5Mbit/s
 SPI : SPI-Master (42Mbit/s), SPI-Slave (21Mbit/s)
 GPIO: Up to 21 GPIOs (overlaid with peripherals)
 A/D converter: 9 channel input, 12-bit resolution,
2.4MSPS sampling in single-shot or scan mode
 PWM: Up to 14 PWM outputs
 Wake-up: Wake pin for ultra-low power operation
 Two external antennas for diversity and improved
range
*Some interfaces share module pins




Similar Part No. - AMW106

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
Embedded Wi-Fi Networking Solutions
AMW106R SILABS-AMW106R Datasheet
1Mb / 32P
Embedded Wi-Fi Networking Solutions
More results


Similar Description - AMW106

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-621X NI-USB-621X Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
logo
Freescale Semiconductor...
TWR-ZGWIFI FREESCALE-TWR-ZGWIFI Datasheet
847Kb / 1P
Tower System 802.11b Wi-Fi Module
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
Embedded Wi-Fi Networking Solution
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
Embedded Wi-Fi Networking Solutions
logo
Texas Instruments
CC3000 TI1-CC3000_16 Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
Wi-Fi IEEE 802.11b/g/n Embedded
logo
Silicon Laboratories
AMW007 SILABS-AMW007 Datasheet
2Mb / 36P
This document provides information on the AMW007 802.11b/g/n Wi-Fi networking module from Zentri.
April 4, 2018
AMW036 SILABS-AMW036 Datasheet
2Mb / 28P
This document provides information on the AMWx36 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com