Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE121LR Datasheet (PDF) - Silicon Laboratories

BLE121LR Datasheet PDF - Silicon Laboratories
Part # BLE121LR
Download  BLE121LR Download
File Size   6098.7 Kbytes
Page   35 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature

BLE121LR Datasheet (PDF)

Go To PDF Page Download Datasheet
BLE121LR Datasheet PDF - Silicon Laboratories

Part # BLE121LR
Download  BLE121LR Click to download

File Size   6098.7 Kbytes
Page   35 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature

BLE121LR Datasheet (HTML) - Silicon Laboratories


BLE121LR Product details

KEY FEATURES:
• Bluetooth v. 4.0 Single Mode Compliant
o Master and slave modes
o Up to eight connections
• Integrated Bluetooth Low Energy Stack
o GAP, ATT and GATT
o Bluetooth Low Energy profiles
• Best-in-Class RF Performance
o Transmit power : +8 dBm
o Receiver sensitivity: -98 dBm
o Range up to 450 meters
• Low Current Consumption
o Transmit: 36 mA (+8 dBm)
o Receive: 33 mA (-98 dBm)
o Power mode 3: 0.5 uA
• Flexible Peripheral Interfaces
o UART and SPI
o I2C, PWM and GPIO
o 12-bit ADC
• Host Interfaces:
o UART
• Programmable 8051 Processor for
Stand-alone Operation
o Simple Bluegiga BGScriptTM
scripting language for quick
application development
o Bluegiga Profile ToolkitTM
allowing the quick development
of GATT based profiles
• Dimensions: 14.7 x 13.0 x 1.8 mm
• Bluetooth, CE, FCC, IC, South Korea,
Japan and Brazil qualified




Similar Part No. - BLE121LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLE121LR ETC2-BLE121LR Datasheet
877Kb / 29P
Bluetooth v. 4.0 Single Mode Compliant
More results


Similar Description - BLE121LR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2564-TIWI-UB2 TI-CC2564-TIWI-UB2 Datasheet
26Kb / 2P
Bluetooth Module that is Bluetooth Low Energy - Smart Ready from LS Research
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
Bluetooth low energy controller
22-Apr-2013
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
Bluetooth Low Energy
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
Bluetooth Low Energy transmitter
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
Bluetooth Low Energy modul
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
logo
Qorvo, Inc
QPG6095J QORVO-QPG6095J Datasheet
202Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
QPG6095 QORVO-QPG6095 Datasheet
197Kb / 3P
Bluetooth Low Energy Smart Home Communications Controller
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com