Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F015 Datasheet (PDF) - Silicon Laboratories

C8051F015 Datasheet PDF - Silicon Laboratories
Part # C8051F015
Download  C8051F015 Download
File Size   2404.32 Kbytes
Page   171 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Mixed-Signal 32KB ISP FLASH MCU Family

C8051F015 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F015 Datasheet PDF - Silicon Laboratories

Part # C8051F015
Download  C8051F015 Click to download

File Size   2404.32 Kbytes
Page   171 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Mixed-Signal 32KB ISP FLASH MCU Family

C8051F015 Datasheet (HTML) - Silicon Laboratories


C8051F015 Product details

The C8051F000 MCU family has several key enhancements both inside and outside the CIP-51 core to improve its
overall performance and ease of use in the end applications.
The extended interrupt handler provides 21 interrupt sources into the CIP-51 (as opposed to 7 for the standard
8051), allowing the numerous analog and digital peripherals to interrupt the controller. An interrupt driven system
requires less intervention by the MCU, giving it more effective throughput. The extra interrupt sources are very
useful when building multi-tasking, real-time systems.
There are up to seven reset sources for the MCU: an on-board VDD monitor, a Watchdog Timer, a missing clock
detector, a voltage level detection from Comparator 0, a forced software reset, the CNVSTR pin, and the /RST pin.
The /RST pin is bi-directional, accommodating an external reset, or allowing the internally generated POR to be
output on the /RST pin. Each reset source except for the VDD monitor and Reset Input Pin may be disabled by the
user in software. The WDT may be permanently enabled in software after a power-on reset during MCU
initialization.
The MCU has an internal, stand alone clock generator which is used by default as the system clock after any reset.
If desired, the clock source may be switched on the fly to the external oscillator, which can use a crystal, ceramic
resonator, capacitor, RC, or external clock source to generate the system clock. This can be extremely useful in low
power applications, allowing the MCU to run from a slow (power saving) external crystal source, while periodically
switching to the fast (up to 16MHz) internal oscillator as needed.




Similar Part No. - C8051F015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F015 ETC-C8051F015 Datasheet
1Mb / 170P
Mixed-Signal 32KB ISP FLASH MCU Family
logo
Silicon Laboratories
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F015 SILABS-C8051F015 Datasheet
5Mb / 171P
Mixed-Signal 32KB ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F015DK ETC-C8051F015DK Datasheet
42Kb / 2P
C8051F018 16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
More results


Similar Description - C8051F015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F000 ETC-C8051F000 Datasheet
1Mb / 170P
Mixed-Signal 32KB ISP FLASH MCU Family
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F000 SILABS-C8051F000_03 Datasheet
5Mb / 171P
Mixed-Signal 32KB ISP FLASH MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F005-GQR SILABS-C8051F005-GQR Datasheet
1Mb / 171P
Mixed-Signal 32KB ISP FLASH MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com