Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3503 Datasheet (PDF) - Silicon Laboratories

SD3503 Datasheet PDF - Silicon Laboratories
Part # SD3503
Download  SD3503 Download
File Size   1050.75 Kbytes
Page   26 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Z-WAVE® MODEM SOC

SD3503 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD3503 Datasheet PDF - Silicon Laboratories

Part # SD3503
Download  SD3503 Click to download

File Size   1050.75 Kbytes
Page   26 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Z-WAVE® MODEM SOC

SD3503 Datasheet (HTML) - Silicon Laboratories


SD3503 Product details

Features
• QFN32 5x5 mm solution to run stack and
application
• Low BOM
• 2.3 to 3.6 V operations
• 1 μA sleep mode
• Maintain Z-Wave network presence within
USB power-down mode current budget

Radio Features
• Sensitivity -104dBm
• Transmit power 5dBm
• Z-Wave® 9.6/40/100 kbit/s data rates
(actual use depends on region)
• All Z-Wave® sub-1GHz frequency bands
and protocols supported, currently
spanning from 865.2 to 926 MHz
• Multi-channel and RSSI listen before talk
support (actual use depends on region)

Microcontroller Features
• Cycle optimized 8051 microcontroller
• 128-bit AES security processor and
hardware random number generator
• FLASH, XRAM, 256 byte IRAM, 128 byte
data-retention RAM, 256 byte data NVM
• Flash loader in ROM
• Cold start power up time in less than 1 ms
• Programmable via USB, UART,
Over-The-Air
• Battery monitor




Similar Part No. - SD3503

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SD3503A-CNE3R SILABS-SD3503A-CNE3R Datasheet
1Mb / 26P
Z-WAVE짰 MODEM SOC
2/2018
More results


Similar Description - SD3503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZM3102AU-CME1 ETC1-ZM3102AU-CME1 Datasheet
247Kb / 17P
ZM3102N Z-Wave Module Datasheet
logo
Silicon Laboratories
SD3503A-CNE3R SILABS-SD3503A-CNE3R Datasheet
1Mb / 26P
Z-WAVE짰 MODEM SOC
2/2018
logo
Advantech Co., Ltd.
ARK-2232L ADVANTECH-ARK-2232L Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
logo
Microchip Technology
MPFS250T-1FCG1152E MICROCHIP-MPFS250T-1FCG1152E Datasheet
771Kb / 50P
PolarFire® SoC Product Overview
C 07/2021
logo
Silicon Laboratories
EFR32ZG14 SILABS-EFR32ZG14 Datasheet
827Kb / 35P
EFR32ZG14 Z-Wave 700 Modem SoC
Rev. 1.2
ZDB5202 SILABS-ZDB5202 Datasheet
994Kb / 19P
This datasheet is for the ZM5202 Z-Wave module based ZDB5202 Z-Wave development board.
Version: 5
ZGM130S SILABS-ZGM130S Datasheet
1Mb / 121P
ZGM130S Z-Wave 700 SiP Module
Rev. 1.3
ZGM230S SILABS-ZGM230S Datasheet
1Mb / 50P
ZGM230S Z-Wave 800 SiP Module
Rev. 1.0
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com