Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC08KL8 Datasheet (PDF) - NXP Semiconductors

68HC08KL8 Datasheet PDF - NXP Semiconductors
Part # 68HC08KL8
Download  68HC08KL8 Download
File Size   3213.45 Kbytes
Page   256 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-Performance M68HC08 Architecture

68HC08KL8 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC08KL8 Datasheet PDF - NXP Semiconductors

Part # 68HC08KL8
Download  68HC08KL8 Click to download

File Size   3213.45 Kbytes
Page   256 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-Performance M68HC08 Architecture

68HC08KL8 Datasheet (HTML) - NXP Semiconductors


68HC08KL8 Product details

Features
Features of the MC68HC08KL8 include:
• High-Performance M68HC08 Architecture
• Fully Upward-Compatible Object Code with M6805, M146805,
and M68HC05 Families
• 1.5-MHz Internal Bus Operation
• Eight Kbytes of On-Chip Read-Only Memory (ROM)
• On-Chip Programming Firmware for Use with Host Personal
Computer
• ROM Data Security1
• 368 Bytes of On-Chip Random Access Memory (RAM)
• 39 General-Purpose Input/Output (I/O) Ports, 24 with Software
Configurable Pullups
• 16-Bit, 2-Channel Timer Interface Module (TIM)
• 8-Bit Keyboard Interrupt (KBI) Port
• Available in a 52-lead plastic quad flat pack (QFP) package:
– 39 general-purpose input/output (I/O), 24 with software
configurable pullups
– 16-bit, 2-channel timer interface module (TIM)
– Eight light-emitting diode (LED) direct drive port pins
• Available in a 42-lead shrink dual in-line plastic (SDIP) package:
– 29 general-purpose input/output (I/O), 21 with software
configurable pullups
– Five light-emitting diode (LED) direct drive port pins
• Full Compatibility with Universal Serial Bus (USB) Specification
Rev. 1.0
– Supports Non-Isochronous Data
– Bidirectional Half-Duplex Link
– 1.5 Mbps Data Rate (Low Speed)
• On-Chip USB Transceiver
• On-Chip 3.3-V Regulator for USB Transceiver
• USB Data Control Logic
– Packet Decoding/Generation
– CRC Generation and Checking
– Non-Return-to-Zero Inverted (NRZI) Encoding/Decoding
and Bit-Stuffing
• Two 8-Byte Transmit Buffers
– One Dedicated for Endpoint 0
– One Shared by Endpoint 1 and Endpoint 2
• One 8-Byte Receive Buffer
– Dedicated for Control Endpoint 0
• USB Suspend/Resume Operation
• System Protection Features
– Optional Computer Operating Properly (COP) Reset
– Illegal Opcode Detection with Optional Reset
– Illegal Address Detection with Optional Reset
• Low-Power Design, Fully Static with Stop Mode and Wait Mode
• Master Reset Pin with Internal Pullup and Power-On Reset
• External Asynchronous Interrupt Pin with Internal Pullup (IRQ1)




Similar Part No. - 68HC08KL8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
68HC08KL8 FREESCALE-68HC08KL8 Datasheet
2Mb / 256P
General Release Specification
More results


Similar Description - 68HC08KL8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908KX2MDWE FREESCALE-MC908KX2MDWE Datasheet
1Mb / 210P
High-performance M68HC08 architecture, Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
High-performance 32-bit RISC Architecture
logo
NXP Semiconductors
MC68HC08PT48 NXP-MC68HC08PT48 Datasheet
4Mb / 352P
High-performance M68HC08 architecture
Rev. 2.0
MC68HC08AS20 NXP-MC68HC08AS20 Datasheet
5Mb / 386P
High-Performance M68HC08 Architecture
Rev. 4.1 July 13, 2005
MC68HC08AS32A NXP-MC68HC08AS32A Datasheet
4Mb / 296P
High-performance M68HC08 architecture
Rev. 1.1 July 14, 2005
MC68HC08AS32 NXP-MC68HC08AS32_V01 Datasheet
4Mb / 280P
High-performance M68HC08 architecture
Rev. 4.1 July 13, 2005
MC68HC08AZ32A NXP-MC68HC08AZ32A Datasheet
3Mb / 312P
High-performance M68HC08 architecture
Rev. 2 07/2005
MC68HC08GZ32 NXP-MC68HC08GZ32 Datasheet
5Mb / 320P
High-performance M68HC08 architecture optimized for C-compilers
Rev. 3.0 10/2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com