Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFH80N10 Datasheet (PDF) - IXYS Corporation

IXFH80N10 Datasheet PDF - IXYS Corporation
Part # IXFH80N10
Download  IXFH80N10 Download
File Size   93.07 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFET Power MOSFETs

IXFH80N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFH80N10 Datasheet PDF - IXYS Corporation

Part # IXFH80N10
Download  IXFH80N10 Click to download

File Size   93.07 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFET Power MOSFETs

IXFH80N10 Datasheet (HTML) - IXYS Corporation


IXFH80N10 Product details

VDSS = 100 V

ID25 = 80 A

RDS(on) = 12.5 mΩ

trr ≤ 200 ns



N-Channel Enhancement Mode

Avalanche Rated, High dv/dt



Features

International standard packages

Low RDS (on)

Rated for unclamped Inductive load switching (UIS)

Molding epoxies meet UL 94 V-0

   flammability classification



Advantages

Easy to mount

Space savings

High power density




Similar Part No. - IXFH80N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH80N10 ISC-IXFH80N10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH80N10Q IXYS-IXFH80N10Q Datasheet
55Kb / 2P
HiPerFET Power MOSFETs Q-Class
logo
Inchange Semiconductor ...
IXFH80N10Q ISC-IXFH80N10Q Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IXFH80N10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com