Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV541 Datasheet (PDF) - NXP Semiconductors

74LV541 Datasheet PDF - NXP Semiconductors
Part # 74LV541
Download  74LV541 Download
File Size   113.86 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver 3-State

74LV541 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV541 Datasheet PDF - NXP Semiconductors

Part # 74LV541
Download  74LV541 Click to download

File Size   113.86 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver 3-State

74LV541 Datasheet (HTML) - NXP Semiconductors


74LV541 Product details

DESCRIPTION
The 74LV541 is a low–voltage CMOS device and is pin and function compatible with 74HC/HCT541.

FEATURES
• Optimized for Low Voltage applications: 1.0 to 3.6V
• Accepts TTL input levels between VCC = 2.7V and VCC = 3.6V
• Typical VOLP (output ground bounce) < 0.8V @ VCC = 3.3V,
   Tamb = 25°C
• Typical VOHV (output VOH undershoot) > 2V @ VCC = 3.3V,
   Tamb = 25°C
• Non-inverting outputs
• Output capability: bus driver
• ICC category: MSI




Similar Part No. - 74LV541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV541 PHILIPS-74LV541 Datasheet
107Kb / 15P
Octal buffer/line driver; 3-state Rev. 03 ??14 April 2009
Rev. 03-14 April 2009
logo
Nexperia B.V. All right...
74LV541A NEXPERIA-74LV541A Datasheet
737Kb / 14P
Octal buffer/line driver; 3-state
74LV541APW NEXPERIA-74LV541APW Datasheet
737Kb / 14P
Octal buffer/line driver; 3-state
74LV541AT NEXPERIA-74LV541AT Datasheet
733Kb / 13P
Octal buffer/line driver; 3-state
74LV541ATPW NEXPERIA-74LV541ATPW Datasheet
733Kb / 13P
Octal buffer/line driver; 3-state
More results


Similar Description - 74LV541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com