Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1064 Datasheet (PDF) - Analog Devices

ADM1064 Datasheet PDF - Analog Devices
Part # ADM1064
Download  ADM1064 Download
File Size   534.93 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer with Voltage Readback ADC

ADM1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1064 Datasheet PDF - Analog Devices

Part # ADM1064
Download  ADM1064 Click to download

File Size   534.93 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer with Voltage Readback ADC

ADM1064 Datasheet (HTML) - Analog Devices


ADM1064 Product details

GENERAL DESCRIPTION
The ADM1064 Super Sequencer® is a configurable supervisory/sequencing device that offers a single-chip solution for supply monitoring and sequencing in multiple supply systems. In addition to these functions, the ADM1064 integrates a 12-bit ADC that can be used to accurately read back up to 12 separate voltages.

FEATURES
   Complete supervisory and sequencing solution for up to
      10 supplies
   10 supply fault detectors enable supervision of supplies to
      <0.5% accuracy at all voltages at 25°C
      <1.0% accuracy across all voltages and temperatures
   5 selectable input attenuators allow supervision of supplies to
      14.4 V on VH
      6 V on VP1 to VP4 (VPx)
   5 dual-function inputs, VX1 to VX5 (VXx)
      High impedance input to supply fault detector with
         thresholds between 0.573 V and 1.375 V
      General-purpose logic input
   10 programmable driver outputs, PDO1 to PDO10 (PDOx)
      Open-collector with external pull-up
      Push/pull output, driven to VDDCAP or VPx
      Open collector with weak pull-up to VDDCAP or VPx
      Internally charge-pumped high drive for use with external
         N-FET (PDO1 to PDO6 only)
   SE implements state machine control of PDO outputs
      State changes conditional on input events
      Enables complex control of boards
      Power-up and power-down sequence control
      Fault event handling
      Interrupt generation on warnings
      Watchdog function can be integrated in SE
      Program software control of sequencing through SMBus
   12-bit ADC for readback of all supervised voltages
   2 auxiliary (single-ended) ADC inputs
   Reference input (REFIN) has 2 input options
      Driven directly from 2.048 V (±0.25%) REFOUT pin
      More accurate external reference for improved ADC
         performance
   Device powered by the highest of VPx, VH for improved
      redundancy
   User EEPROM: 256 bytes
   Industry-standard 2-wire bus interface (SMBus)
   Guaranteed PDO low with VH, VPx = 1.2 V
   Available in 40-lead LFCSP and 48-lead TQFP packages

APPLICATIONS
   Central office systems
   Servers/routers
   Multivoltage system line cards
   DSP/FPGA supply sequencing
   In-circuit testing of margined supplies




Similar Part No. - ADM1064

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1064 AD-ADM1064 Datasheet
427Kb / 31P
Super Sequencer with Voltage Readback ADC
Rev. E
ADM1064ACPZ AD-ADM1064ACPZ Datasheet
427Kb / 31P
Super Sequencer with Voltage Readback ADC
Rev. E
ADM1064ASUZ AD-ADM1064ASUZ Datasheet
427Kb / 31P
Super Sequencer with Voltage Readback ADC
Rev. E
ADM1064 AD-ADM1064_15 Datasheet
501Kb / 32P
Super Sequencer with Voltage Readback ADC
REV. D
ADM1064 AD-ADM1064_V01 Datasheet
427Kb / 31P
Super Sequencer with Voltage Readback ADC
Rev. E
More results


Similar Description - ADM1064

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1064 AD-ADM1064_15 Datasheet
501Kb / 32P
Super Sequencer with Voltage Readback ADC
REV. D
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com