Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS29 Datasheet (PDF) - IXYS Corporation

CS29 Datasheet PDF - IXYS Corporation
Part # CS29
Download  CS29 Download
File Size   58.43 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Phase Control Thyristor

CS29 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS29 Datasheet PDF - IXYS Corporation

Part # CS29
Download  CS29 Click to download

File Size   58.43 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Phase Control Thyristor

CS29 Datasheet (HTML) - IXYS Corporation


CS29 Product details

Phase Control Thyristor

ISOPLUS220TM
Electrically Isolated Back Surface

Features
• Silicon chip on Direct-Copper-Bond substrate
   - High power dissipation
   - Isolated mounting surface
   - 2500V electrical isolation
• Low cathode-to-tab capacitance (15pF typical)
• Planar passivated chips
• Epoxy meets UL 94V-0
• High performance glass passivated chip
• Long-term stability of leakage current and blocking voltage

Applications
• Motor control
• Power converter
• AC power controller
• Light and temperature control
• SCR for inrush current limiting in power supplies or AC drive

Advantages
• Space and weight savings
• Simple mounting




Similar Part No. - CS29

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
CS290DW16 CHERRY-CS290DW16 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
CS290DWR16 CHERRY-CS290DWR16 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
CS290N14 CHERRY-CS290N14 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
CS291 CHERRY-CS291 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
More results


Similar Description - CS29

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com