Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV86 Datasheet (PDF) - NXP Semiconductors

74LV86 Datasheet PDF - NXP Semiconductors
Part # 74LV86
Download  74LV86 Download
File Size   103.87 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input EXCLUSIVE-OR gate

74LV86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV86 Datasheet PDF - NXP Semiconductors

Part # 74LV86
Download  74LV86 Click to download

File Size   103.87 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input EXCLUSIVE-OR gate

74LV86 Datasheet (HTML) - NXP Semiconductors


74LV86 Product details

DESCRIPTION

The 74LV86 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC/HCT86.

The 74LV86 provides the 2-input EXCLUSIVE-OR function.



FEATURES

• Wide Operating voltage: 1.0 to 5.5 V

• Optimized for low voltage applications: 1.0 to 3.6 V

• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V

• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C

• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C

• Output capability: standard

• ICC category: SSI



 




Similar Part No. - 74LV86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Nexperia B.V. All right...
74LV86 NEXPERIA-74LV86 Datasheet
218Kb / 16P
Quad 2-input exclusive-OR gate
Rev. 03 - 27 November 2007
logo
Diodes Incorporated
74LV86A DIODES-74LV86A Datasheet
306Kb / 9P
QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Rev 1
74LV86AS14 DIODES-74LV86AS14 Datasheet
306Kb / 9P
QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Rev 1
74LV86AS14-13 DIODES-74LV86AS14-13 Datasheet
306Kb / 9P
QUADRUPLE 2-INPUT EXCULSIVE OR GATES
Rev 1
More results


Similar Description - 74LV86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com