Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30610ECFS Datasheet (PDF) - Mitsubishi Electric Semiconductor

M30610ECFS Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M30610ECFS
Download  M30610ECFS Download
File Size   2669.46 Kbytes
Page   197 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30610ECFS Datasheet (PDF)

Go To PDF Page Download Datasheet
M30610ECFS Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M30610ECFS
Download  M30610ECFS Click to download

File Size   2669.46 Kbytes
Page   197 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30610ECFS Datasheet (HTML) - Mitsubishi Electric Semiconductor


M30610ECFS Product details

Description

The M16C/61 group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of in struction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communications, industrial equipment, and other high-speed processing applications.

The M16C/61 group includes a wide range of products with different internal memory types and sizes and various package types.



Features

• Memory capacity............................................ ROM (See Figure 1.1.4. ROM Expansion)

                                                    RAM 4K to 10K bytes

• Shortest instruction execution time ................ 100ns (f(XIN)=10MHZ)

• Supply voltage ............................................... 4.0 to 5.5V (f(XIN)=10MHZ) 2.7 to 5.5V (f(XIN)=7MHZ with software one-wait)

• Low power consumption ................................ 18mW ( f(XIN)=7MHZ, with software one-wait, VCC = 3V)

• Interrupts........................................................ 20 internal and 5 external interrupt sources, 4 software interrupt sources; 7 levels (including key input interrupt)

• Multifunction 16-bit timer................................ 5 output timers + 3 input timers

• Serial I/O (UART or clock synchronous) ........ 3 channels

• DMAC ............................................................ 2 channels (trigger: 16 sources)

• A-D converter................................................. 10 bits X 8 channels

                                                    Expandable up to 10 channels)

• D-A converter................................................. 8 bits X 2 channels

• CRC calculation circuit................................... 1 circuit

• Watchdog timer.............................................. 1 line

• Programmable I/O ......................................... 87 lines

• Input port........................................................1 line (P85 shared with NMI pin)

• Memory expansion ........................................ Available (to a maximum of 1M bytes)

• Chip select output .......................................... 4 lines

• Clock generating circuit ................................. 2 built-in clock generation circuits

   (built-in feedback resistor, and external ceramic or quartz oscillator)



Applications

  Audio, cameras, office equipment, communications equipment, portable equipment




Similar Part No. - M30610ECFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3060C VISHAY-M3060C Datasheet
157Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
M3060C VISHAY-M3060C Datasheet
146Kb / 5P
Dual Common-Cathode Schottky Rectifier
13-Aug-13
M3060C VISHAY-M3060C Datasheet
123Kb / 5P
Dual Common Cathode Schottky Rectifier
28-May-2018
M3060C-E3/4W VISHAY-M3060C-E3/4W Datasheet
157Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
M3060C VISHAY-M3060C_15 Datasheet
146Kb / 5P
Dual Common-Cathode Schottky Rectifier
13-Aug-13
More results


Similar Description - M30610ECFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com