Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4050AEM3 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM4050AEM3 Datasheet PDF - National Semiconductor (TI)
Part # LM4050AEM3
Download  LM4050AEM3 Download
File Size   287.34 Kbytes
Page   15 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Precision Micropower Shunt Voltage Reference

LM4050AEM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4050AEM3 Datasheet PDF - National Semiconductor (TI)

Part # LM4050AEM3
Download  LM4050AEM3 Click to download

File Size   287.34 Kbytes
Page   15 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Precision Micropower Shunt Voltage Reference

LM4050AEM3 Datasheet (HTML) - National Semiconductor (TI)


LM4050AEM3 Product details

General Description

Ideal for space critical applications, the LM4050 precision voltage reference is available in the sub-miniature (3 mm x 1.3 mm) SOT-23 surface-mount package. The LM4050’s design eliminates the need for an external stabilizing capacitor while ensuring stability with any capacitive load, thus making the LM4050 easy to use. Further reducing design effort is the availability of several fixed reverse breakdown voltages: 2.048V, 2.500V, 4.096V, 5.000V, 8.192V, and 10.000V. The minimum operating current increases from 60 µA for the LM4050-2.0 to 100 µA for the LM4050-10.0. All versions have a maximum operating current of 15 mA.



Features

Small packages: SOT-23

No output capacitor required

Tolerates capacitive loads

Fixed reverse breakdown voltages of 2.048V, 2.500V, 4.096V, 5.000V, 8.192V, and 10.000V



Key Specifications (LM4050-2.5)

Output voltage tolerance

(A grade, 25˚C) ±0.1% (max)

Low output noise

(10 Hz to 10 kHz) 41 µVrms(typ)

Wide operating current range 60 µA to 15 mA

Industrial temperature range −40˚C to +85˚C

Extended temperature range −40˚C to +125˚C

Low temperature coefficient 50 ppm/˚C (max)



Applications

Portable, Battery-Powered Equipment

Data Acquisition Systems

Instrumentation

Process Control

Energy Management

Product Testing

Automotive

Precision Audio Components




Similar Part No. - LM4050AEM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050AEM3-10 TI1-LM4050AEM3-10 Datasheet
324Kb / 20P
LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050AEM3-10 TI-LM4050AEM3-10 Datasheet
1Mb / 35P
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-10 TI-LM4050AEM3-10 Datasheet
1Mb / 35P
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-10 TI1-LM4050AEM3-10 Datasheet
1Mb / 35P
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-10/NOPB TI1-LM4050AEM3-10/NOPB Datasheet
1Mb / 35P
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Similar Description - LM4050AEM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
LM4041-N TI1-LM4041-N_16 Datasheet
1Mb / 45P
Precision Micropower Shunt Voltage Reference
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com