Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C701U103MYYDDA7301 Datasheet (PDF) - Kemet Corporation

C701U103MYYDDA7301 Datasheet PDF - Kemet Corporation
Part # C701U103MYYDDA7301
Download  C701U103MYYDDA7301 Download
File Size   1120.8 Kbytes
Page   16 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Radial Leaded Ceramic Disc Capacitors

C701U103MYYDDA7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
C701U103MYYDDA7301 Datasheet PDF - Kemet Corporation

Part # C701U103MYYDDA7301
Download  C701U103MYYDDA7301 Click to download

File Size   1120.8 Kbytes
Page   16 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Radial Leaded Ceramic Disc Capacitors

C701U103MYYDDA7301 Datasheet (HTML) - Kemet Corporation


C701U103MYYDDA7301 Product details

Overview
KEMET’s C700 encapsulated radial leaded ceramic disc
capacitors are specifically designed for interferencesuppression
AC line filtering applications. Having
internationally recognized safety certifications, these
capacitors are well-suited for applications that require
keeping potentially disruptive or damaging line transients
and EMI out of susceptible equipment. They are also an
ideal solution when needing to suppress line disturbances
at the source.
Safety Certified Capacitors are classified as either X and/or
Y capacitors. Class X capacitors are primarily used in lineto-
line (across-the-line) applications. In this application,
there is no danger of electric shock to humans should the
capacitor fail, but could result in a risk of fire. The class Y
capacitor is primarily used in line-to-ground (line by-pass)
applications. In this application, failure of the capacitor
could lead to danger of electric shock.
With a working voltage of 440/400 VAC in line-to-line
(Class X) and 300/250 VAC in line-to-ground (Class Y)
applications, these safety capacitors meet the impulse test
criteria outlined in IEC Standard 60384. Meeting subclass X1
and Y2 requirements, these devices are certified to withstand
impulses up to 4 KV (X1) and 5 KV (Y2) respectively. These
encapsulated devices also meet the flame test requirements
outlined in UL Standard 94 V-0.

Benefits
• Safety standard recognized (IEC 60384-14)
• Reliable operation up to 125°C
• Class X1 440/400 VAC/Y2 300/250 VAC
• 5.0 mm, 7.5 mm, 10 mm, and 12.5mm lead spacing
• Lead(Pb)-free and RoHS Compliant
• Halogen-free
• Capacitance offerings ranging from 100 pF up to 10 nF
• Available capacitance tolerances of ±5%, ±10%, and ±20%
• High-reliability
• Preformed (crimped) or straight lead configurations
• Non-polar device, minimizing installation concerns
• Encapsulation meets flammability standard UL 94 V-0

Applications
Typical applications include:
• Line-to-line (Class X) filtering
• Line-to-ground (Class Y) filtering
• Antenna coupling
• Primary and secondary coupling (switching power supplies)
• Line disturbances suppression (motors and motor controls, relays, switching power supplies and invertors)




Similar Part No. - C701U103MYYDDA7301

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
C7015 BECKHOFF-C7015 Datasheet
118Kb / 2P
Industrial PC in IP 65 for direct integration into the machine
More results


Similar Description - C701U103MYYDDA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
Radial Leaded Multilayer Ceramic Capacitors
ERK610Z102KCF0 KEMET-ERK610Z102KCF0 Datasheet
1Mb / 11P
Radial Leaded Ceramic Disc Capacitors
ERP610W102MDF0 KEMET-ERP610W102MDF0 Datasheet
1Mb / 10P
Radial Leaded Ceramic Disc Capacitors
logo
Vishay Siliconix
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
20-Apr-2021
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
19-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com