Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM342 Datasheet (PDF) - Analog Devices

ADUCM342 Datasheet PDF - Analog Devices
Part # ADUCM342
Download  ADUCM342 Download
File Size   477.85 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated, Precision Battery Sensor for Automotive Systems

ADUCM342 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM342 Datasheet PDF - Analog Devices

Part # ADUCM342
Download  ADUCM342 Click to download

File Size   477.85 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated, Precision Battery Sensor for Automotive Systems

ADUCM342 Datasheet (HTML) - Analog Devices


ADUCM342 Product details

FEATURES
► High precision ADCs
► Dual-channel, simultaneous sampling
► IADC 20-bit Σ-Δ (minimizes range switching)
► VADC/TADC 20-bit Σ-Δ
► Programmable ADC conversion rate from 4 Hz to 8 kHz
► On-chip ±5 ppm/°C voltage reference
► Current channel
► Fully differential, buffered input
► Programmable-gain (from 4 to 512)
► ADC absolute input range: −200 mV to +300 mV
► Digital comparator with current accumulator feature
► Voltage channel
► Buffered, on-chip attenuator for 12 V battery input
► Temperature channel
► External and on-chip temperature sensor options
► Microcontroller
► ARM Cortex-M3 32-bit processor
► 16.384 MHz precision oscillator with 1% accuracy (high precision)
► Serial wire debug (SWD) port supporting code download and
debug
► Automotive qualified integrated LIN transceiver
► LIN 2.2A-compatible target, 100 kbaud fast download option
► SAE J2602-compatible target
► Low electromagnetic emissions
► High electromagnetic immunity
► Memory
► 128 kB programmable Flash/EE memory, ECC
► 10 kB SRAM, ECC
► 4 kB data Flash/EE memory, ECC
► 10,000 cycle Flash/EE endurance
► 20 year Flash/EE retention
► In circuit download via SWD and LIN
► On-chip peripherals
► SPI
► GPIO port
► General-purpose timer
► Wake-up timer
► Watchdog timer
► On-chip, power-on reset
► Power
► Operates directly from 12 V battery supply
► Power consumption, 8 mA typical (16 MHz) at TA = −40°C to
+115°C
► Low power monitor mode
► Package and temperature range
► 32-lead, LFCSP, 6 mm x 6 mm package
► Fully specified for −40°C to +115°C operation, additional specifications
for 115°C to 125°C
► AEC-Q100 qualified for automotive applications
► The ADuCM342WFS is developed for use in ISO 26262 applications
for automotive safety integrity level capability C (ASIL C)
supporting single-point fault metric (SPFM) 90% and latent fault
metric (LFM) 60% at the IC component level.

APPLICATIONS
► Battery sensing and management for automotive and light mobility
vehicles
► Auxiliary battery monitoring in xEV
► Lead acid battery measurement for power supplies in industrial
and medical domains




Similar Part No. - ADUCM342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM300 AD-ADUCM300 Datasheet
379Kb / 16P
Automotive Qualified, Dual-Channel, Precision ADCs with LIN2.2 Slave Interface
6/2019-Revision 0
ADUCM300WBCPZ AD-ADUCM300WBCPZ Datasheet
379Kb / 16P
Automotive Qualified, Dual-Channel, Precision ADCs with LIN2.2 Slave Interface
6/2019-Revision 0
ADUCM3027 AD-ADUCM3027 Datasheet
688Kb / 39P
Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
5/2019-Rev. A to Rev. B
ADUCM3027BCBZ-R7 AD-ADUCM3027BCBZ-R7 Datasheet
688Kb / 39P
Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
5/2019-Rev. A to Rev. B
ADUCM3027BCBZ-RL AD-ADUCM3027BCBZ-RL Datasheet
688Kb / 39P
Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
5/2019-Rev. A to Rev. B
More results


Similar Description - ADUCM342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
Integrated Precision Battery Sensor For Automotive
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
Integrated, Precision Battery Sensor for Automotive Systems
2/2019-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com