Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3042 Datasheet (PDF) - Analog Devices

LT3042 Datasheet PDF - Analog Devices
Part # LT3042
Download  LT3042 Download
File Size   3440.99 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator

LT3042 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3042 Datasheet PDF - Analog Devices

Part # LT3042
Download  LT3042 Click to download

File Size   3440.99 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator

LT3042 Datasheet (HTML) - Analog Devices


LT3042 Product details

GENERAL DESCRIPTION
The LT3097 is a dual, positive and negative, high-performance,
low-dropout linear regulator featuring Analog Devices, Inc., ultralow
noise and ultra-high power supply rejection ratio (PSRR) architecture
for powering noise-sensitive applications. Each regulator
delivers up to 500 mA with a typical 260 mV/235 mV (positive/negative)
dropout voltage.
Operating quiescent current is nominally 2.2 mA/2.35 mA (positive/
negative) and drops to 0.3 μA/3 μA (positive/negative) in shutdown.
The LT3097 has a wide output voltage range (0 V to 15 V,
positive and 0 V to -19.5 V, negative) error amplifier that operates
in unity-gain and provides virtually constant output noise, PSRR,
bandwidth and load regulation, independent of the programmed
output voltage.
LT3097 is stable with a minimum 10 μF ceramic output capacitor for
each channel. Built-in protection includes internal current limit with
foldback and thermal limit with hysteresis. The positive regulator
also includes reverse-battery protection and reverse-current protection.
The LT3097 is available in a thermally enhanced, 22-lead 6
mm × 3 mm, Plastic dual-flat no-leads (DFN) package.

FEATURES
► Ultra-low output RMS noise: 0.8 μV rms (10 Hz to 100 kHz)
► Ultra-low output noise spectral density: 2 nV/√Hz (Positive) and
2.2 nV/√Hz (Negative) at 10 kHz
► Ultra-low 1/f noise: 10 μV p-p (Positive) and 3.2 μV p-p (Negative)
(0.1 Hz to 10 Hz)
► Ultra-high PSRR: 76 dB (Positive) and 74 dB (Negative) at 1
MHz
► Output current: 500 mA
► Wide input voltage range: ±1.8 V to ±20 V
► Single capacitor per channel improves noise and PSRR
► SET pin current: 100 μA, ±1% initial accuracy
► Single resistor per channel programs output voltage
► Programmable current limit
► Low-dropout voltage: 260 mV (Positive) and 235 mV (Negative)
► Output voltage range: 0 V to 15 V (Positive) and 0 V to –19.5 V
(Negative)
► Programmable power good
► Fast start-up capability
► Precision enable/undervoltage lockout (UVLO)
► Internal current limit with foldback
► Minimum output capacitor: 10 μF ceramic
► Compact, low-profile, 22-lead, 6 mm × 3 mm, Plastic DFN package

APPLICATIONS
► Bipolar very low-noise power supplies
► RF power supplies: phase-locked loops, voltage-controlled oscillators,
mixers, low-noise amplifiers, and power amplifiers
► Low-noise instrumentation
► High-speed and high-precision data converters
► Medical applications: imaging and diagnostics
► Precision power supplies
► Postregulator for switching supplies




Similar Part No. - LT3042

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3042 LINEAR-LT3042 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT3042 LINEAR-LT3042 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT3042 LINER-LT3042 Datasheet
388Kb / 8P
PLL/VCO Supply and Reference Board
LT3042 LINER-LT3042 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
LT3042 LINER-LT3042 Datasheet
1Mb / 22P
Dual-Channel Low Noise Bias Generators
More results


Similar Description - LT3042

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com