Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33394 Datasheet (PDF) - NXP Semiconductors

33394 Datasheet PDF - NXP Semiconductors
Part # 33394
Download  33394 Download
File Size   803.55 Kbytes
Page   44 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver

33394 Datasheet (PDF)

Go To PDF Page Download Datasheet
33394 Datasheet PDF - NXP Semiconductors

Part # 33394
Download  33394 Click to download

File Size   803.55 Kbytes
Page   44 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver

33394 Datasheet (HTML) - NXP Semiconductors


33394 Product details

The 33394 is a multi–output power supply integrated circuit with high
speed CAN transceiver. The IC incorporates a switching pre–regulator
operating over a wide input voltage range from +4.0V to +26.5V (with
transients up to 45V).
The switching regulator has an internal 3.0A current limit and runs in both
buck mode or boost mode to always supply a pre–regulated output followed
by Low Drop Out (LDO) regulators: VDDH / 5.0V @ 400mA; VDD3_3 / 3.3V
@ 120mA; VDDL / 2.6V (User scalable between 3.3V – 1.25V) @ 400mA
typically, using an external NPN pass transistor. The Keep Alive regulator
VKAM (scalable) @ 50mA; FLASH memory programming voltage VPP /
5.0V or 3.3V @ 150mA; three sensor supply outputs VREF(1,2,3) / 5.0V
(tracking VDDH) @ 100mA each; and a switched battery output (VSEN) to
supply 125mA clamped to 17V.
Additional features include Active Reset circuitry watching VDDH,
VDD3_3, VDDL and VKAM, user selectable Hardware Reset Timer (HRT),
Power Sequencing circuitry guarantees the core supply voltages never
exceed their limits or polarities during system power up and power down.
A high speed CAN transceiver physical layer interfaces between the
microcontroller CMOS outputs and differential bus lines. The CAN driver is
short circuit protected and tolerant of loss of battery or ground conditions.
33394 is designed specifically to meet the needs of modules, which use
the MPC565 microcontroller, though it will also support others from the
MPC5XX family of Motorola microcontrollers.

Features:
• Wide operating input voltage range: +4.0V to +26.5V (+45V transient).
• Provides all regulated voltages for MPC5XX MCUs and other ECU’s
logic and analog functions.
• Accurate power up/down sequencing.
• Provides necessary MCU support monitoring and fail–safe support.
• Provides three 5.0 V buffer supplies for internal & external (short–circuit
protected) sensors.
• Includes step–down/step–up switching regulator to provide supply
voltages during different battery conditions.
• Interfaces Directly to Standard 5.0V I/O for CMOS Microprocessors by
means of Serial Peripheral Interface.




Similar Part No. - 33394

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
logo
Wiha Tools
33394 WIHA-33394 Datasheet
103Kb / 1P
Nut driver and bit set 1/4" 40 pcs. incl. multifunctional bag with belt clip (44684)
More results


Similar Description - 33394

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
logo
NXP Semiconductors
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
TJA1443 NXP-TJA1443 Datasheet
400Kb / 34P
High-speed CAN transceiver with Sleep mode
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com