Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34671 Datasheet (PDF) - NXP Semiconductors

34671 Datasheet PDF - NXP Semiconductors
Part # 34671
Download  34671 Download
File Size   831.93 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries

34671 Datasheet (PDF)

Go To PDF Page Download Datasheet
34671 Datasheet PDF - NXP Semiconductors

Part # 34671
Download  34671 Click to download

File Size   831.93 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries

34671 Datasheet (HTML) - NXP Semiconductors


34671 Product details

The MC34671 is a cost-effective fully-integrated battery charger for Li-Ion or Li-Polymer batteries. The high input voltage, up to 28V, eliminates the input over-voltage-protection circuit required in handheld devices such as cell phones, Bluetooth accessories and MP3 players.
A typical charge cycle includes trickle, constant-current (CC) and constant-voltage (CV) charge modes. The CC-mode current is programmable up to 600mA with an external resistor. The voltage across the external resistor is also used to monitor the actual charge current. The constant voltage is fixed at 4.2V with 0.7% accuracy over
-20°C to 70°C temperature range. The trickle-mode current is preset
20% of the CC-mode current when the battery voltage is lower than the trickle-mode threshold. The end-of-charge (EOC) current threshold
preset to 10% of the CC-mode current to save the board space and cost. A charge current thermal foldback feature limits the charge current when the IC internal temperature rises to a preset threshold. The MC34671 also protects the system with its input over-voltage protection (OVP) feature. In addition, the MC34671 has a 2.6V falling power-on-reset (POR) threshold, making it perfect to work with current limited power supplies. Three indication pins (PPR, CHG and FAST)
can be simply interfaced to a microprocessor or LEDs. When no power supply is connected, or when disabled, the charger draws less than 1.0μA leakage current from the battery.

Features
•No external MOSFET, reverse-blocking diode or current-sense resistor are required
•Guaranteed maximum 600mA programmable CC-mode current
•±0.7% voltage accuracy over -20°C to 70°C
•±5% current accuracy over -40°C to 85°C
•28V maximum voltage for the power input with 11V over-voltage protection threshold
•2.6V minimum input operating voltage
•Trickle charge for fully discharged batteries
•Charge current monitor
•Charge current thermal foldback
•Pb-free packaging designated by suffix code EP




Similar Part No. - 34671

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
logo
Heyco.
3467 HEYCO-3467 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3467 ADAFRUIT-3467 Datasheet
435Kb / 2P
Adafruit CharliePlex LED Matrix Bonnet - 8x16 Blue LEDs
logo
Keystone Electronics Co...
3467 KEYSTONE-3467 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Freescale Semiconductor...
34674 FREESCALE-34674 Datasheet
958Kb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Rev. 2.0, 11/2008
More results


Similar Description - 34671

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
Single-Cell Protector for Li-Ion Batteries
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com