Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79076 Datasheet (PDF) - NXP Semiconductors

79076 Datasheet PDF - NXP Semiconductors
Part # 79076
Download  79076 Download
File Size   522.32 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Electronic Ignition Control Circuit

79076 Datasheet (PDF)

Go To PDF Page Download Datasheet
79076 Datasheet PDF - NXP Semiconductors

Part # 79076
Download  79076 Click to download

File Size   522.32 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Electronic Ignition Control Circuit

79076 Datasheet (HTML) - NXP Semiconductors


79076 Product details

The 79076, in conjunction with an appropriate Freescale Power Darlington Transistor, provides an economical solution for automotive ignition applications. The 79076 offers optimum performance by providing closed loop operation of the Power Darlington in controlling the ignition coil current.

Features
•Hall or Variable Reluctance Sensor Input
•Ignition Coil Voltage Internally Limited to 375 V
•Coil Current Limiting to 7.5 A
•Output On–Time (Dwell) Control
•Dwell Feedback Control to Sense Coil Variation
•Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - 79076

ManufacturerPart #DatasheetDescription
logo
JOKARI GmbH & Co. KG
79070 JOKARI-79070 Datasheet
326Kb / 2P
System 4-70
23.02.2016
logo
KATHREIN Solutions GmbH
790717 KATHREIN-790717 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
790718 KATHREIN-790718 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
790719 KATHREIN-790719 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
logo
Weidmuller
7907400000 WEIDMULLER-7907400000 Datasheet
590Kb / 19P
PE terminal, Tension-clamp connection, 6 mm짼
November 9, 2021
More results


Similar Description - 79076

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
ELECTRONIC IGNITION CONTROL CIRCUIT
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
IGNITION CONTROL CIRCUIT
Sep-1998
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
686M MALLORY-686M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com