Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC20 Datasheet (PDF) - NXP Semiconductors

MC68331MFC20 Datasheet PDF - NXP Semiconductors
Part # MC68331MFC20
Download  MC68331MFC20 Download
File Size   983.7 Kbytes
Page   84 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Technical Summary 32-Bit Modular Microcontroller

MC68331MFC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68331MFC20 Datasheet PDF - NXP Semiconductors

Part # MC68331MFC20
Download  MC68331MFC20 Click to download

File Size   983.7 Kbytes
Page   84 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Technical Summary 32-Bit Modular Microcontroller

MC68331MFC20 Datasheet (HTML) - NXP Semiconductors


MC68331MFC20 Product details

Introduction
The MC68331, a highly-integrated 32-bit microcontroller, combines high-performance data manipulation capabilities with powerful peripheral subsystems. The MCU is built up from standard modules that interface through a common intermodule bus (IMB). Standardization facilitates rapid development of devices tailored for specific applications. The MCU incorporates a 32-bit CPU (CPU32), a system integration module (SIM), a general-purpose timer (GPT), and a queued serial module (QSM). The MCU can either synthesize an internal clock signal from an external reference or use an external clock input directly. Operation with a 32.768-kHz reference frequency is standard. The maximum system clock speed is 20.97 MHz. Because MCU operation is fully static, register and memory contents are not affected by a loss of clock. High-density complementary metal-oxide semiconductor (HCMOS) architecture makes the basic power consumption of the MCU low. Power consumption can be minimized by stopping the system clock. The CPU32 instruction set includes a low-power stop (LPSTOP) command that efficiently implements this capability.

Features
• Modular Architecture
• Central Processing Unit (CPU32)
— Upward Object Code Compatible
— New Instructions for Controller Applications
— 32-Bit Architecture
— Virtual Memory Implementation
— Loop Mode of Instruction Execution
— Table Lookup and Interpolate Instruction
— Improved Exception Handling for Controller Applications
— Trace on Change of Flow
— Hardware Breakpoint Signal, Background Mode
— Fully Static Operation
• System Integration Module (SIM)
— External Bus Support
— Programmable Chip-Select Outputs
— System Protection Logic
— Watchdog Timer, Clock Monitor, and Bus Monitor
— System Protection Logic
— System Clock Based on 32.768-kHz Crystal for Low Power Operation
— Test/Debug Submodule for Factory/User Test and Development
• Queued Serial Module (QSM)
— Enhanced Serial Communication Interface (SCI), Universal Asynchronous Receiver Transmitter
(UART): Modulus Baud Rate, Parity
— Queued Serial Peripheral Interface (QSPI): 80-Byte RAM, Up to 16 Automatic Transfers
— Dual Function I/O Ports
— Continuous Cycling, 8 to 16 Bits per Transfer
• General-Purpose Timer (GPT)
— Two 16-Bit Free-Running Counters With One Nine-Stage Prescaler
— Three Input Capture Channels
— Four Output Compare Channels
— One Input Capture/Output Compare Channel
— One Pulse Accumulator/Event Counter Input
— Two Pulse-Width Modulation Outputs
— Optional External Clock Input




Similar Part No. - MC68331MFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68331MFC20 MOTOROLA-MC68331MFC20 Datasheet
2Mb / 84P
32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331MFC20 FREESCALE-MC68331MFC20 Datasheet
598Kb / 84P
32-Bit Modular Microcontroller
MC68331MFC20 FREESCALE-MC68331MFC20 Datasheet
616Kb / 84P
32-Bit Modular Microcontroller
More results


Similar Description - MC68331MFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
Technical Summary 8-Bit Microcontroller
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
Technical Summary 8-Bit Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
32-Bit Modular Microcontroller
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
Technical Summary 32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com