Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1408367 Datasheet (PDF) - PHOENIX CONTACT

1408367 Datasheet PDF - PHOENIX CONTACT
Part # 1408367
Download  1408367 Download
File Size   282.82 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4AC/10G-R4AC/10G-94F/10,0

1408367 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408367 Datasheet PDF - PHOENIX CONTACT

Part # 1408367
Download  1408367 Click to download

File Size   282.82 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Patch cable - NBC-R4AC/10G-R4AC/10G-94F/10,0

1408367 Datasheet (HTML) - PHOENIX CONTACT


1408367 Product details

Patch cable, CAT6A, 4-pair, shielded, connection not crossed (line), assembled at both ends with
RJ45/IP20 connectors, outer sheath material: PUR, length 10 m

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408367

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408360 PHOENIX-1408360 Datasheet
124Kb / 8P
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/2,0
09/11/2020
1408365 PHOENIX-1408365 Datasheet
109Kb / 7P
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/3,0
09/11/2020
1408366 PHOENIX-1408366 Datasheet
286Kb / 9P
NBC-R4AC/10G-R4AC/10G-94F/6,0 - Patch cable
1408368 PHOENIX-1408368 Datasheet
61Kb / 2P
Housing - HC-COM-K-AML-GW
More results


Similar Description - 1408367

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408360 PHOENIX-1408360 Datasheet
124Kb / 8P
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/2,0
09/11/2020
1408365 PHOENIX-1408365 Datasheet
109Kb / 7P
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/3,0
09/11/2020
1408366 PHOENIX-1408366 Datasheet
286Kb / 9P
NBC-R4AC/10G-R4AC/10G-94F/6,0 - Patch cable
1412315 PHOENIX-1412315 Datasheet
433Kb / 12P
NBC-FSBPXS/1,0-94F/R4AC-10G - Network cable
1416125 PHOENIX-1416125 Datasheet
325Kb / 10P
NBC-R4AC-10G/20,0-94F/R4AC-10G - Patch cable
1419482 PHOENIX-1419482 Datasheet
437Kb / 12P
NBC-FSBPX/5,0-94F/R4AC-10G - Network cable
1422210 PHOENIX-1422210 Datasheet
326Kb / 10P
NBC-R4AC-10G/0,5-94F/R4AC-10G - Patch cable
1422211 PHOENIX-1422211 Datasheet
325Kb / 10P
NBC-R4AC-10G/1,5-94F/R4AC-10G - Patch cable
1422212 PHOENIX-1422212 Datasheet
329Kb / 10P
NBC-R4AC-10G/7,5-94F/R4AC-10G - Patch cable
1422209 PHOENIX-1422209 Datasheet
329Kb / 10P
NBC-R4AC-10G/0,3-94F/R4AC-10G - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com