Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1999026 Datasheet (PDF) - PHOENIX CONTACT

1999026 Datasheet PDF - PHOENIX CONTACT
Part # 1999026
Download  1999026 Download
File Size   714.18 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 6-16/ 4-G1F-10,16

1999026 Datasheet (PDF)

Go To PDF Page Download Datasheet
1999026 Datasheet PDF - PHOENIX CONTACT

Part # 1999026
Download  1999026 Click to download

File Size   714.18 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 6-16/ 4-G1F-10,16

1999026 Datasheet (HTML) - PHOENIX CONTACT


1999026 Product details

PCB headers, nominal cross section: 16 mm2, color: green, nominal current: 76 A (41 A in
combination with PC 6 plug), rated voltage (III/2): 1000 V, contact surface: Silver, type of contact:
Male connector, number of potentials: 4, number of rows: 1, number of positions: 4, number of
connections: 4, product range: PC 6-16/..-G1F, pitch: 10.16 mm, mounting: Wave soldering, pin
layout: Linear pinning, solder pin [P]: 4 mm, number of solder pins per potential: 3, plug-in
system: COMBICON PC 16, Pin connector pattern alignment: Standard, locking: Screw locking,
mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1999026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1999000 PHOENIX-1999000 Datasheet
80Kb / 4P
Base strip - PC 6-16/ 2-G1F-10.16
1999013 PHOENIX-1999013 Datasheet
186Kb / 9P
Feed-through header - PC 6-16/ 3-G1F-10,16
1999039 PHOENIX-1999039 Datasheet
145Kb / 9P
Feed-through header - PC 6-16/ 5-G1F-10,16
09/11/2020
1999042 PHOENIX-1999042 Datasheet
677Kb / 13P
PCB header - PC 6-16/ 6-G1F-10,16
1999055 PHOENIX-1999055 Datasheet
72Kb / 4P
Base strip - PC 6-16/ 7-G1F-10,16
More results


Similar Description - 1999026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1998881 PHOENIX-1998881 Datasheet
122Kb / 6P
Header - PCV 6-16/ 4-G1F-10,16
1999013 PHOENIX-1999013 Datasheet
186Kb / 9P
Feed-through header - PC 6-16/ 3-G1F-10,16
1996401 PHOENIX-1996401 Datasheet
72Kb / 4P
Base strip - PC 6-16/ 9-G1F-10,16
1999068 PHOENIX-1999068 Datasheet
72Kb / 4P
Base strip - PC 6-16/ 8-G1F-10,16
1999055 PHOENIX-1999055 Datasheet
72Kb / 4P
Base strip - PC 6-16/ 7-G1F-10,16
1998878 PHOENIX-1998878 Datasheet
120Kb / 6P
Header - PCV 6-16/ 3-G1F-10,16
1999039 PHOENIX-1999039 Datasheet
145Kb / 9P
Feed-through header - PC 6-16/ 5-G1F-10,16
09/11/2020
1913756 PHOENIX-1913756 Datasheet
589Kb / 12P
PCB header - PC 6-16/ 6-GF-10,16
Nov 30, 2022
1913730 PHOENIX-1913730 Datasheet
650Kb / 13P
PCB header - PC 6-16/ 4-GF-10,16
Jan 3, 2023
1999042 PHOENIX-1999042 Datasheet
677Kb / 13P
PCB header - PC 6-16/ 6-G1F-10,16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com