Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273992 Datasheet (PDF) - PHOENIX CONTACT

3273992 Datasheet PDF - PHOENIX CONTACT
Part # 3273992
Download  3273992 Download
File Size   502.14 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-G RD

3273992 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273992 Datasheet PDF - PHOENIX CONTACT

Part # 3273992
Download  3273992 Click to download

File Size   502.14 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-G RD

3273992 Datasheet (HTML) - PHOENIX CONTACT


3273992 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 32 A, connection
method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection,
Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type:
adhesive, color: red




Similar Part No. - 3273992

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273990 PHOENIX-3273990 Datasheet
503Kb / 19P
Distribution block - PTFIX 10/6X4-G BU
3273994 PHOENIX-3273994 Datasheet
499Kb / 19P
Distribution block PTFIX 10 6X4 G YE
Jun 24 2022
3273996 PHOENIX-3273996 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G GN
Nov 30, 2022
3273998 PHOENIX-3273998 Datasheet
491Kb / 18P
Distribution block - PTFIX 10/6X4-G BN
Jul 29, 2022
More results


Similar Description - 3273992

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273530 PHOENIX-3273530 Datasheet
67Kb / 4P
Distribution block - PTFIX 6X4-NS35 RD
3273794 PHOENIX-3273794 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4 RD
3273926 PHOENIX-3273926 Datasheet
68Kb / 4P
Distribution block - PTFIX 6X4-G RD
3273662 PHOENIX-3273662 Datasheet
479Kb / 20P
Distribution block - PTFIX 6X4-NS35A RD
Jun 7, 2022
3273596 PHOENIX-3273596 Datasheet
500Kb / 20P
Distribution block - PTFIX 10/6X4-NS35 RD
Jun 29, 2022
3274002 PHOENIX-3274002 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-G BK
Jun24.2022
3273728 PHOENIX-3273728 Datasheet
502Kb / 20P
Distribution block - PTFIX 10/6X4-NS35A RD
Jun 13, 2022
3273860 PHOENIX-3273860 Datasheet
568Kb / 22P
Distribution block - PTFIX 10/6X4 RD
Jun 22, 2022
3274005 PHOENIX-3274005 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G PK
Jul 29, 2022
3273988 PHOENIX-3273988 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G GY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com