Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHM5 Datasheet (PDF) - Sensata Technologies, Inc.

DHM5 Datasheet PDF - Sensata Technologies, Inc.
Part # DHM5
Download  DHM5 Download
File Size   872.02 Kbytes
Page   9 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INCREMENTAL IO-LINK ENCODERS

DHM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DHM5 Datasheet PDF - Sensata Technologies, Inc.

Part # DHM5
Download  DHM5 Click to download

File Size   872.02 Kbytes
Page   9 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description INCREMENTAL IO-LINK ENCODERS

DHM5 Datasheet (HTML) - Sensata Technologies, Inc.


DHM5 Product details

Features
• Incremental encoder with IO-link programmable parameters
• IO-Link COM3 with minimal cycle time of 1ms
• Absolute position available via IO-link
• Easy programming with standard IO-Link tool
• Simple device replacement with Data Storage capability
• Universal Electronic Circuits from 4.75 to 30 Vdc
• Robust and excellent resistance to shock and vibration
• High protection level IP65, IP67 option with a sealing flange
• Operating temperature range from -40°C to 85°C
• Standard M12 connector available

Applications
• Factory automation
• Motor feedback
• Conveyors
• Automated warehousing
• General industrial system monitoring and feedback




Similar Part No. - DHM5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DHM5 SENSATA-DHM5 Datasheet
238Kb / 4P
PROGRAMMABLE INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5 SENSATA-DHM5 Datasheet
1,005Kb / 10P
58MM SOLID - BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS
Rev:08/02/22
DHM5 SENSATA-DHM5 Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5-06//2G29//01024//G3R SENSATA-DHM5-06//2G29//01024//G3R Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
DHM5-06//2G29//01024//G6R SENSATA-DHM5-06//2G29//01024//G6R Datasheet
221Kb / 5P
FIXED RESOLUTION INCREMENTAL ENCODERS
Rev. 03/29/18
More results


Similar Description - DHM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
Incremental encoders
GE333 IVO-GE333 Datasheet
537Kb / 4P
Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
Incremental encoders
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com