Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC77115 Datasheet (PDF) - Bel Fuse Inc.

APC77115 Datasheet PDF - Bel Fuse Inc.
Part # APC77115
Download  APC77115 Download
File Size   63.28 Kbytes
Page   1 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN/Smartphone Splitter

APC77115 Datasheet (PDF)

Go To PDF Page Download Datasheet
APC77115 Datasheet PDF - Bel Fuse Inc.

Part # APC77115
Download  APC77115 Click to download

File Size   63.28 Kbytes
Page   1 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN/Smartphone Splitter

APC77115 Datasheet (HTML) - Bel Fuse Inc.


APC77115 Product details

ISDN/Smartphone Splitter

ELECTRICAL SPECIFICATIONS@25°C
OPERATING TEMPERATURE -40°C TO +85°C




Similar Part No. - APC77115

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77116 BEL-APC77116 Datasheet
99Kb / 1P
Integrated CPE VDSL Filter/Hybrid Solution - (Smartphone Applications)
APC77118 BEL-APC77118 Datasheet
97Kb / 1P
Integrated CO VDSL Filter/Hybrid Solution - (Smartphone Applications)
More results


Similar Description - APC77115

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF4015 XFMRS-XF4015 Datasheet
35Kb / 1P
ISDN/POTS SPLITTER
logo
Bothhand USA, LP.
DT-7006 BOTHHAND-DT-7006 Datasheet
372Kb / 1P
ISDN SPLITTER
DT-7010A BOTHHAND-DT-7010A Datasheet
310Kb / 1P
ISDN SPLITTER
VD-7010A BOTHHAND-VD-7010A Datasheet
323Kb / 1P
ISDN SPLITTER
VD-7010B BOTHHAND-VD-7010B Datasheet
259Kb / 1P
ISDN SPLITTER
VD-7010 BOTHHAND-VD-7010 Datasheet
110Kb / 1P
ISDN SPLITTER
VD-7015K BOTHHAND-VD-7015K Datasheet
321Kb / 1P
ISDN SPLITTER
VD-7015 BOTHHAND-VD-7015 Datasheet
54Kb / 1P
ISDN SPLITTER
VD-7023 BOTHHAND-VD-7023 Datasheet
103Kb / 1P
ISDN SPLITTER
VD-7064 BOTHHAND-VD-7064 Datasheet
317Kb / 1P
ISDN SPLITTER
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com