Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2690A-AZ Datasheet (PDF) - Renesas Technology Corp

2SC2690A-AZ Datasheet PDF - Renesas Technology Corp
Part # 2SC2690A-AZ
Download  2SC2690A-AZ Download
File Size   1720.24 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SC2690A-AZ Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2690A-AZ Datasheet PDF - Renesas Technology Corp

Part # 2SC2690A-AZ
Download  2SC2690A-AZ Click to download

File Size   1720.24 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SC2690A-AZ Datasheet (HTML) - Renesas Technology Corp


2SC2690A-AZ Product details

NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW/HIGH FREQUENCY POWER AMPLIFICATION

DESCRIPTION
These products are general purpose transistors designed for use
in audio and radio frequency power amplifiers.

FEATURES
• Suitable for use in driver stage of 50 to 100 W audio amplifiers
and output stage of TV vertical deflection circuit.
• High voltage and high fT
VCEO = 120 V (2SC2690) / 160 V (2SC2690A)
fT = 175 MHz (VCE = 5.0 V, IC = 0.2 A)
• Complementary to the 2SA1220 and 2SA1220A PNP transistors.




Similar Part No. - 2SC2690A-AZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2690A ETC-2SC2690A Datasheet
35Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC2690A NEC-2SC2690A Datasheet
168Kb / 2P
Use in audio and radio Frequency power amplifiers.
logo
Savantic, Inc.
2SC2690A SAVANTIC-2SC2690A Datasheet
135Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2690A ISC-2SC2690A Datasheet
164Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2690A SAVANTIC-2SC2690A Datasheet
137Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC2690A-AZ

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com