Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3570 Datasheet (PDF) - Renesas Technology Corp

2SC3570 Datasheet PDF - Renesas Technology Corp
Part # 2SC3570
Download  2SC3570 Download
File Size   288.53 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SC3570 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3570 Datasheet PDF - Renesas Technology Corp

Part # 2SC3570
Download  2SC3570 Click to download

File Size   288.53 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SC3570 Datasheet (HTML) - Renesas Technology Corp


2SC3570 Product details

NPN SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING

The 2SC3570 is a mold power transistor developed for highvoltage
high-speed switching, and is ideal for use in drivers such as
switching regulators, DC/DC converters, and high-frequency power
amplifiers.

FEATURES
• Mold package that does not require an insulating board or
insulation bushing
• Low collector saturation voltage:
VCE(sat) = 1.0 V MAX. (@ 2 A)
• Fast switching speed:
tf ≤ 0.7 μs MAX. (@ 2 A)
• Wide base reverse-bias SOA:
VCEX(SUS) = 450 V MIN. (@ 2 A)




Similar Part No. - 2SC3570

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3570 NEC-2SC3570 Datasheet
187Kb / 4P
NPN SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SC3570 ISC-2SC3570 Datasheet
255Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC3570

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com