Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC805K3GRS/D Datasheet (PDF) - NXP Semiconductors

HC805K3GRS/D Datasheet PDF - NXP Semiconductors
Part # HC805K3GRS/D
Download  HC805K3GRS/D Download
File Size   1249.26 Kbytes
Page   119 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.

HC805K3GRS/D Datasheet (PDF)

Go To PDF Page Download Datasheet
HC805K3GRS/D Datasheet PDF - NXP Semiconductors

Part # HC805K3GRS/D
Download  HC805K3GRS/D Click to download

File Size   1249.26 Kbytes
Page   119 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.

HC805K3GRS/D Datasheet (HTML) - NXP Semiconductors


HC805K3GRS/D Product details

Features
• Low-Cost HC05 Core
• 16-Pin PDIP or SOIC Package
• 928 Bytes of User EEPROM (Including Eight Bytes of User
Vectors)
• 64 Bytes of User RAM
• 128 Bits of Personality EEPROM (Not Memory Mapped)
Programmed using User Software or during User EEPROM
Programming
• On-Chip Charge Pump for In-Circuit Programming of the
Personality EEPROM at 3.0 to 5.5 Vdc.
• 8-Bit Free-Running Timer
• 4-Stage Selectable Real-Time Interrupt Generator
• 10 Bidirectional Input/Output (I/O) Lines Including:
– 8 mA Sink Capability on Four I/O Pins (PA7–PA4)
– Mask Option Register Bit for Software Programmable
Pulldowns on All I/O Pins
– Mask Option Register Bit for Port Interrupts on Four I/O Pins
(PA3–PA0) (Keyboard Scan Feature)
• IRQ Interrupt Hardware Mask, Flag Bit, and Request Bit
• Mask Option Register Bit for Sensitivity on IRQ Interrupt (Edgeand
Level-Sensitive or Edge-Sensitive Only)
• On-Chip Oscillator (Mask Option Register Bits for Crystal/Ceramic
Resonator Oscillator with Internal 2 MW Resistor, and 2-Pin or 3-
Pin Resistor Capacitor (RC) Oscillator)
• Mask Option Register Bit for Reduced Startup Delay Time with RC
Oscillator Options
• Mask Option Register Bit for Computer Operating Properly (COP)
Watchdog System
• Power-Saving Stop and Wait Mode Instructions
• Mask Option Register Bit to Convert STOP Instruction to Halt
Mode
• Illegal Address Reset
• Internal Steering Diode and Pullup Resistor on RESET Pin to VDD
• Internal RESET Pin Pulldown from COP Watchdog and ILADR




Similar Part No. - HC805K3GRS/D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC8050 ETC1-HC8050 Datasheet
139Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
SHANTOU HUASHAN ELECTRO...
HC8050 HUASHAN-HC8050 Datasheet
143Kb / 2P
NPN SILICON TRANSISTOR
HC8050S HUASHAN-HC8050S Datasheet
136Kb / 2P
NPN SILICON TRANSISTOR
logo
NXP Semiconductors
HC805P18GRS/D NXP-HC805P18GRS/D Datasheet
1Mb / 111P
The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
More results


Similar Description - HC805K3GRS/D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
member of the low-cost
logo
NXP Semiconductors
68HC05J5A NXP-68HC05J5A Datasheet
2Mb / 106P
The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC708KL8 NXP-68HC708KL8 Datasheet
3Mb / 246P
The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 2.1
68HC908MR24 NXP-68HC908MR24 Datasheet
3Mb / 418P
The MC68HC908MR24 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BS8 NXP-MC68HC05BS8 Datasheet
1Mb / 128P
The MC68HC05BS8 HCMOS microcontroller is a member of the MC68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC908JL8SM NXP-MC68HC908JL8SM Datasheet
826Kb / 56P
The MC68HC908JL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
3/2003
MC68HC908QY4SM NXP-MC68HC908QY4SM Datasheet
1Mb / 52P
The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units
Rev. 0.1, 12/2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com