Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVX14 Datasheet (PDF) - STMicroelectronics

74LVX14 Datasheet PDF - STMicroelectronics
Part # 74LVX14
Download  74LVX14 Download
File Size   160.29 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS

74LVX14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX14 Datasheet PDF - STMicroelectronics

Part # 74LVX14
Download  74LVX14 Click to download

File Size   160.29 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS

74LVX14 Datasheet (HTML) - STMicroelectronics


74LVX14 Product details

DESCRIPTION
The 74LVX14 is a low voltage CMOS HEX SCHMITT INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage.
This device can be used to interface 5V to 3V system. It combines high speed performance with the true CMOS low power consumption.
Pin configuration and function are the same as those of the 74LVX00 but the 74LVX14 has hysteresis between the positive and the negative input threshold typically of 1V.
This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED :
   tPD = 6.8ns (TYP.) at VCC = 3.3V
■ 5V TOLERANT INPUTS
■ LOW POWER DISSIPATION:
   ICC = 2 µA (MAX.) at TA=25°C
■ TYPICAL HYSTERESIS : 1V at VCC = 3.3V
■ LOW NOISE:
   VOLP = 0.3V (TYP.) at VCC = 3.3V
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 14
■ IMPROVED LATCH-UP IMMUNITY
■ POWER DOWN PROTECTION ON INPUTS




Similar Part No. - 74LVX14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LVX14 MOTOROLA-74LVX14 Datasheet
139Kb / 6P
LOW-VOLTAGE CMOS
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
139Kb / 6P
LOW-VOLTAGE CMOS
REV 0
logo
Toshiba Semiconductor
74LVX14 TOSHIBA-74LVX14 Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
05-Aug-1997
logo
Fairchild Semiconductor
74LVX14 FAIRCHILD-74LVX14 Datasheet
68Kb / 7P
Low Voltage Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
More results


Similar Description - 74LVX14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
10-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com