Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8845 Datasheet (PDF) - Analog Devices

ADM8845 Datasheet PDF - Analog Devices
Part # ADM8845
Download  ADM8845 Download
File Size   382.34 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Charge Pump Driver for LCD White LED Backlights

ADM8845 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8845 Datasheet PDF - Analog Devices

Part # ADM8845
Download  ADM8845 Click to download

File Size   382.34 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Charge Pump Driver for LCD White LED Backlights

ADM8845 Datasheet (HTML) - Analog Devices


ADM8845 Product details

GENERAL DESCRIPTION
The ADM8845 uses charge pump technology to provide the power required to drive up to six LEDs. The LEDs are used for backlighting a color LCD display, having regulated constant current for uniform brightness intensity. The main display can have up to four LEDs, and the sub display can have one or two LEDs. The digital CTRL1 and CTRL2 input control pins control the shutdown operation and the brightness of the main and sub displays.

FEATURES
    Drives 6 LEDs from 2.6 V to 5.5 V (Li-Ion) input supply
    1×/1.5×/2× fractional charge pump to maximize power efficiency
    1% max LED current matching
    Up to 88% power efficiency over Li-Ion range
    Powers main and sub display LEDs with individual shutdown
    Package footprint only 9 mm2 (3 mm × 3 mm)
    Package height only 0.9 mm
    Low power shutdown mode
    Shutdown function
    Soft-start limiting in-rush current

APPLICATIONS
    Cellular phones with main and sub displays
    White LED backlighting
    Camera flash/strobes and movie lights
    Micro TFT color displays
    DSC
    PDAs




Similar Part No. - ADM8845

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8845 AD-ADM8845 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845ACPZ-REEL7 AD-ADM8845ACPZ-REEL7 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845EB-EVALZ AD-ADM8845EB-EVALZ Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
More results


Similar Description - ADM8845

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
Charge Pump White LED Driver
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
High Efficiency Charge Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
White LED Driver for Large LCD TV Backlights
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
Charge Pump White LED Driver
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com