Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC157A Datasheet (PDF) - NXP Semiconductors

LVC157A Datasheet PDF - NXP Semiconductors
Part # LVC157A
Download  LVC157A Download
File Size   111.92 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

LVC157A Datasheet (PDF)

Go To PDF Page Download Datasheet
LVC157A Datasheet PDF - NXP Semiconductors

Part # LVC157A
Download  LVC157A Click to download

File Size   111.92 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer

LVC157A Datasheet (HTML) - NXP Semiconductors


LVC157A Product details

DESCRIPTION

The 74LVC157A is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.

Inputs can be driven from either 3.3 or 5 V devices. This feature allows the use of these devices as translators in a mixed 3.3 and 5 V environment.



FEATURES

• 5 V tolerant inputs for interfacing with 5 V logic

• Wide supply voltage range from 1.2 to 3.6 V

• CMOS low power consumption

• Direct interface with TTL levels

• Inputs accept voltages up to 5.5 V

• Complies with JEDEC standard no. 8-1A

• ESD protection:

   HBM EIA/JESD22-A114-A exceeds 2000 V

   MM EIA/JESD22-A115-A exceeds 200 V.

• Specified from −40 to +85 °C and −40 to +125 °C.



 




Similar Part No. - LVC157A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LVC10A TI-LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
NXP Semiconductors
LVC11 PHILIPS-LVC11 Datasheet
87Kb / 10P
Triple 3-input AND gate
1998 Apr 28
logo
Texas Instruments
LVC125A TI-LVC125A Datasheet
281Kb / 12P
QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
LVC125A TI-LVC125A Datasheet
1Mb / 46P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
LVC126A TI-LVC126A Datasheet
361Kb / 14P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Similar Description - LVC157A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com