Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBCP84 Datasheet (PDF) - List of Unclassifed Manufacturers

EPBCP84 Datasheet PDF - List of Unclassifed Manufacturers
Part # EPBCP84
Download  EPBCP84 Download
File Size   266.99 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description ENCLOSED POWER DISTRIBUTION BLOCK

EPBCP84 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPBCP84 Datasheet PDF - List of Unclassifed Manufacturers

Part # EPBCP84
Download  EPBCP84 Click to download

File Size   266.99 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description ENCLOSED POWER DISTRIBUTION BLOCK

EPBCP84 Datasheet (HTML) - List of Unclassifed Manufacturers


EPBCP84 Product details

Wire Range
• Line: (2) 500 kcmil - #4 AWG (240 mm2
- 25 mm2 Class 2)
• Load: (8) 2/0 - #14 AWG (50 mm2
- 2.5 mm2
Class 2)
Electrical Ratings
• 760 Amps (Copper only)
• 600V per UL 1953 & CSA 22.2 No.158, class B & C requirements
• 1000 V AC/DC per IEC 60947-7-1 (CE)
• Short circuit current ratings (SCCR): See SCCR section below for specifications.
• 75°C connector terminal rating with copper wire only
• Touch protection: IP-20 (IEC 60529)
• Factory & Field Wiring
Agency Compliance
• UL - UL Listed Terminal Block, Evaluated to UL 1953, File No.QPQS.E309401
• CSA - certifed to C22.2 No. 158, File No. LR19766 (wire classes B & C only)
• CE compliant to IEC 60947-7-1
Material Information
• Insulator base:
• Thermoplastic
• Flammability rating of insulator base UL94V0
• Insulator base temperature rating: -40°C to 125°C (UL RTI)
• Connector: copper, tin plated
• Terminal set screws: line side: aluminum, tin plated, load side: steel, nickel plated
• Connector mounting screw: steel, zinc plated
• RoHS compliant




Similar Part No. - EPBCP84

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
EPBCP84 MARATHON-EPBCP84 Datasheet
267Kb / 4P
1000 V AC/DC per IEC 60947-7-1 (CE)
3/17/2021
More results


Similar Description - EPBCP84

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PDBFS204 COOPER-PDBFS204 Datasheet
164Kb / 2P
Enclosed Power Distribution Block Offer High SCCR
logo
Marathon Special Produc...
134X360 MARATHON-134X360 Datasheet
726Kb / 3P
Power Distribution Block 134x360
11/09/2023
134X526 MARATHON-134X526 Datasheet
528Kb / 4P
Power Distribution Block 134x526
09/25/23
134X548 MARATHON-134X548 Datasheet
444Kb / 4P
POWER DISTRIBUTION BLOCK 134x548
12/20/2021
134X580 MARATHON-134X580 Datasheet
441Kb / 4P
POWER DISTRIBUTION BLOCK 134x580
12/20/2021
134X585 MARATHON-134X585 Datasheet
540Kb / 4P
POWER DISTRIBUTION BLOCK 134x585
12/20/2021
134X595 MARATHON-134X595 Datasheet
370Kb / 4P
POWER DISTRIBUTION BLOCK 134x595
12/20/2021
134X597 MARATHON-134X597 Datasheet
363Kb / 4P
POWER DISTRIBUTION BLOCK 134x597
12/20/2021
135X704 MARATHON-135X704 Datasheet
262Kb / 4P
POWER DISTRIBUTION BLOCK 135X704
REV- F 11/25/2019
135X708 MARATHON-135X708 Datasheet
282Kb / 4P
POWER DISTRIBUTION BLOCK 135X708
REV-F 11/25/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com