Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16241ADL Datasheet (PDF) - NXP Semiconductors

VC16241ADL Datasheet PDF - NXP Semiconductors
Part # VC16241ADL
Download  VC16241ADL Download
File Size   78.98 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/line driver 3-State

VC16241ADL Datasheet (PDF)

Go To PDF Page Download Datasheet
VC16241ADL Datasheet PDF - NXP Semiconductors

Part # VC16241ADL
Download  VC16241ADL Click to download

File Size   78.98 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/line driver 3-State

VC16241ADL Datasheet (HTML) - NXP Semiconductors


VC16241ADL Product details

DESCRIPTION
The 74LVC16241A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5V devices. In 3-State operation, outputs can handle 5V. These features allow the use of these devices in a mixed 3.3V/5V environment.

FEATURES
• 5 volt tolerant inputs/outputs for interfacing with 5V logic
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels




Similar Part No. - VC16241ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VC16240ADGG PHILIPS-VC16240ADGG Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16240ADL PHILIPS-VC16240ADL Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16244ADGG PHILIPS-VC16244ADGG Datasheet
78Kb / 10P
16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
VC16244ADL PHILIPS-VC16244ADL Datasheet
78Kb / 10P
16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
VC16245ADGG PHILIPS-VC16245ADGG Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
More results


Similar Description - VC16241ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
16-bit buffer/line driver 3-State
1998 Oct 07
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
16-bit buffer/line driver 3-State
1998 Feb 25
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
16-bit buffer/line driver 3-State
1998 May 19
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com