Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD1820AS Datasheet (PDF) - Nexperia B.V. All rights reserved

2PD1820AS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 2PD1820AS
Download  2PD1820AS Download
File Size   287.21 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN general purpose transistor

2PD1820AS Datasheet (PDF)

Go To PDF Page Download Datasheet
2PD1820AS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 2PD1820AS
Download  2PD1820AS Click to download

File Size   287.21 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN general purpose transistor

2PD1820AS Datasheet (HTML) - Nexperia B.V. All rights reserved


2PD1820AS Product details

FEATURES
•High current (max. 500 mA)
•Low voltage (max. 50 V)
•Low collector-emitter saturation voltage (max. 600 mV).




Similar Part No. - 2PD1820AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD1820AS PHILIPS-2PD1820AS Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
2PD1820AS KEXIN-2PD1820AS Datasheet
48Kb / 1P
NPN General Purpose Transistor
logo
NXP Semiconductors
2PD1820AS NXP-2PD1820AS Datasheet
107Kb / 6P
NPN general purpose transistor
1997 May 22
More results


Similar Description - 2PD1820AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com