Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB120 Datasheet (PDF) - Anderson Power Products, Inc.

SB120 Datasheet PDF - Anderson Power Products, Inc.
Part # SB120
Download  SB120 Download
File Size   1029.26 Kbytes
Page   5 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SB® 120 Connectors Up to 240 Amps

SB120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB120 Datasheet PDF - Anderson Power Products, Inc.

Part # SB120
Download  SB120 Click to download

File Size   1029.26 Kbytes
Page   5 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SB® 120 Connectors Up to 240 Amps

SB120 Datasheet (HTML) - Anderson Power Products, Inc.


SB120 Product details

Like the other Multipole connectors, the SB® 120 offers
color-coded mechanically keyed housings. Keys can
be used to identify and separate different circuits, or
prevent users from accidentally cross mating different
voltages. Wires sizes from 10 to 1 AWG (5.3 to 42.4 mm²)
are held in the second smallest SB® housing.
• New Extended Range Contacts Expand Wire Size up
to 1 AWG (42.4 mm²)
Allows UL rated currents up to 240 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• Panel Mounting Grooves
With use of mounting clamps, can be easily mounted through panels




Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com