Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1616 Datasheet (PDF) - Renesas Technology Corp

2SD1616 Datasheet PDF - Renesas Technology Corp
Part # 2SD1616
Download  2SD1616 Download
File Size   235.8 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTORS

2SD1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1616 Datasheet PDF - Renesas Technology Corp

Part # 2SD1616
Download  2SD1616 Click to download

File Size   235.8 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTORS

2SD1616 Datasheet (HTML) - Renesas Technology Corp


2SD1616 Product details

NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING

FEATURES
• Low VCE(sat):
VCE(sat) = 0.15 V TYP. (IC = 1.0 A, IB = 50 mA)
• Large PT in small dimension with versatility
PT = 0.75 W, VCEO = 50/60 V, IC(DC) = 1.0 A
• Complementary transistor with the 2SB1116 and 1116A




Similar Part No. - 2SD1616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1616 UTC-2SD1616 Datasheet
145Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
NEC
2SD1616 NEC-2SD1616 Datasheet
156Kb / 2P
NPN SILICON TRANSISTORS
logo
Weitron Technology
2SD1616 WEITRON-2SD1616 Datasheet
1Mb / 5P
NPN Transistors
logo
Unisonic Technologies
2SD1616 UTC-2SD1616 Datasheet
66Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
2SD1616 UTC-2SD1616 Datasheet
184Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - 2SD1616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4424 ETC-2N4424 Datasheet
94Kb / 3P
SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3402 NJSEMI-2N3402 Datasheet
149Kb / 1P
SILICON TRANSISTORS
2N3854 NJSEMI-2N3854 Datasheet
137Kb / 1P
SILICON TRANSISTORS
2N4424 NJSEMI-2N4424 Datasheet
121Kb / 1P
SILICON TRANSISTORS
2N5307 NJSEMI-2N5307 Datasheet
132Kb / 1P
SILICON TRANSISTORS
2N5777 NJSEMI-2N5777 Datasheet
134Kb / 2P
SILICON TRANSISTORS
GES5814 NJSEMI-GES5814 Datasheet
156Kb / 2P
Silicon Transistors
GES5401 NJSEMI-GES5401 Datasheet
117Kb / 2P
Silicon Transistors
logo
Renesas Technology Corp
2SC3623 RENESAS-2SC3623 Datasheet
271Kb / 6P
SILICON TRANSISTORS
2002
2SA1376 RENESAS-2SA1376 Datasheet
242Kb / 8P
SILICON TRANSISTORS
2002
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com