Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53H-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BCP53H-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BCP53H-Q
Download  BCP53H-Q Download
File Size   275.29 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 1 A PNP medium power transistors

BCP53H-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP53H-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BCP53H-Q
Download  BCP53H-Q Click to download

File Size   275.29 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 1 A PNP medium power transistors

BCP53H-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BCP53H-Q Product details

1. General description
PNP medium power transistors in a SOT223 (SC-73) Surface-Mounted Device (SMD) plastic
package.

2. Features and benefits
• High collector current capability IC and ICM
• Three current gain selections
• High power dissipation capability
• High-temperature applications up to 175 °C
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Linear voltage regulators
• MOSFET drivers
• High-side switches
• Power management
• Amplifiers




Similar Part No. - BCP53H-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
More results


Similar Description - BCP53H-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC640 NXP-BC640 Datasheet
143Kb / 15P
80 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
BCP53 NXP-BCP53_13 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BCP53 PHILIPS-BCP53_15 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BCP53H NEXPERIA-BCP53H Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
BCP53T NEXPERIA-BCP53T Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
BC53XPAS-Q_SER NEXPERIA-BC53XPAS-Q_SER Datasheet
261Kb / 11P
80 V, 1 A PNP medium power transistors
17 October 2022
BC53XPAS_SER NEXPERIA-BC53XPAS_SER Datasheet
261Kb / 11P
80 V, 1 A PNP medium power transistors
6 December 2022
BCP53 NEXPERIA-BCP53 Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
BCP53H_SER NEXPERIA-BCP53H_SER Datasheet
1Mb / 16P
80 V, 1 A PNP medium power transistors
Rev. 1 - 21 July 2017
BCP53T_SER NEXPERIA-BCP53T_SER Datasheet
274Kb / 14P
80 V, 1 A PNP medium power transistors
Rev. 2 - 29 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com