Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3B0365J-T Datasheet (PDF) - Infineon Technologies AG

ICE3B0365J-T Datasheet PDF - Infineon Technologies AG
Part # ICE3B0365J-T
Download  ICE3B0365J-T Download
File Size   797.06 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS ® and Startup cell (frequency jitter Mode) in DIP-8

ICE3B0365J-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ICE3B0365J-T Datasheet PDF - Infineon Technologies AG

Part # ICE3B0365J-T
Download  ICE3B0365J-T Click to download

File Size   797.06 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS ® and Startup cell (frequency jitter Mode) in DIP-8

ICE3B0365J-T Datasheet (HTML) - Infineon Technologies AG


ICE3B0365J-T Product details

Features
• 650V Avalanche Rugged CoolMOS® with built in
switchable Startup Cell
• Active Burst Mode for lowest Standby Power
@ light load controlled by Feedback Signal
• Fast Load Jump Response in Active Burst Mode
• 67 kHz fixed Switching Frequency
• Auto Restart Mode for Over temperature
Detection
• Auto Restart Mode for Overvoltage Detection
• Auto Restart Mode for Overload and Open Loop
• Auto Restart Mode for VCC Undervoltage
• User defined Soft Start
• Minimum of external Components required
• Max Duty Cycle 75%
• Overall Tolerance of Current Limiting < ±5%
• Internal Leading Edge Blanking
• BiCMOS technology provides wide VCC Range
• Frequency Jittering for Low EMI




Similar Part No. - ICE3B0365J-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365J INFINEON-ICE3B0365J Datasheet
988Kb / 28P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B0365J INFINEON-ICE3B0365J Datasheet
1Mb / 34P
Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
More results


Similar Description - ICE3B0365J-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3B0365J INFINEON-ICE3B0365J_11 Datasheet
988Kb / 28P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com