Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5T905 Datasheet (PDF) - Renesas Technology Corp

5T905 Datasheet PDF - Renesas Technology Corp
Part # 5T905
Download  5T905 Download
File Size   432.57 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Single Data Rate1:5 Clock Buffer Terabuffer™

5T905 Datasheet (PDF)

Go To PDF Page Download Datasheet
5T905 Datasheet PDF - Renesas Technology Corp

Part # 5T905
Download  5T905 Click to download

File Size   432.57 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Single Data Rate1:5 Clock Buffer Terabuffer™

5T905 Datasheet (HTML) - Renesas Technology Corp


5T905 Product details

FEATURES:
• Guaranteed Low Skew < 60ps (max)
• Very low duty cycle distortion
• High speed propagation delay < 2.5ns. (max)
• Up to 250MHz operation
• Very low CMOS power levels
• 1.5V VDDQ for HSTL interface
• Hot insertable and over-voltage tolerant inputs
• 3-level inputs for selectable interface
• Selectable HSTL, eHSTL, 1.8V / 2.5V LVTTL, or LVEPECL input
interface
• Selectable differential or single-ended inputs and fi ve single-ended outputs
• 2.5V VDD
• Available in TSSOP package
• For new designs use functional replacement 8L30110

DESCRIPTION:
The 5T905 2.5V single data rate (SDR) clock buffer is a user-selectable
single-ended or differential input to fi ve single-ended outputs buffer built on
advanced metal CMOS technology. The SDR clock buffer fanout from a
single or differential input to fi ve single-ended outputs reduces the loading
on the preceding driver and provides an effi cient clock distribution network.
The IDT5T905 can act as a translator from a differential HSTL, eHSTL,
1.8V/2.5V LVTTL, LVEPECL, or single-ended 1.8V/2.5V LVTTL input to
HSTL, eHSTL, 1.8V/2.5V LVTTL outputs. Selectable interface is controlled
by 3-level input signals that may be hard-wired to appropriate high-mid-low
levels. Multiple power and grounds reduce noise.




Similar Part No. - 5T905

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T905 IDT-5T905 Datasheet
228Kb / 19P
2.5V Single Data Rate1:5 Clock Buffer Terabuffer
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
logo
Integrated Device Techn...
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
More results


Similar Description - 5T905

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
PCS2P5T9050A PULSECORE-PCS2P5T9050A Datasheet
436Kb / 10P
2.5V Single Data Rate1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
5T905 IDT-5T905 Datasheet
228Kb / 19P
2.5V Single Data Rate1:5 Clock Buffer Terabuffer
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9050 RENESAS-5T9050 Datasheet
373Kb / 10P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™ Jr
Mar 2020
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
5T907 RENESAS-5T907 Datasheet
428Kb / 20P
2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™
Mar 2020
5T915 RENESAS-5T915 Datasheet
527Kb / 22P
2.5V Differential 1:5 Clock Buffer Terabuffer™
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com