Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5T93GL02 Datasheet (PDF) - Renesas Technology Corp

5T93GL02 Datasheet PDF - Renesas Technology Corp
Part # 5T93GL02
Download  5T93GL02 Download
File Size   380.13 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V LVDS, 1:2 Glitchless Clock Buffer TERABUFFER™ II

5T93GL02 Datasheet (PDF)

Go To PDF Page Download Datasheet
5T93GL02 Datasheet PDF - Renesas Technology Corp

Part # 5T93GL02
Download  5T93GL02 Click to download

File Size   380.13 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V LVDS, 1:2 Glitchless Clock Buffer TERABUFFER™ II

5T93GL02 Datasheet (HTML) - Renesas Technology Corp


5T93GL02 Product details

General Description
The 5T93GL02 2.5V differential clock buffer is a user-selectable
differential input to two LVDS outputs. The fanout from a differential
input to two LVDS outputs reduces loading on the preceding driver
and provides an efficient clock distribution network. The 5T93GL02
can act as a translator from a differential HSTL, eHSTL, LVEPECL
(2.5V), LVPECL (3.3V), CML, or LVDS input to LVDS outputs. A
single-ended 3.3V / 2.5V LVTTL input can also be used to translate
to LVDS outputs. The redundant input capability allows for a
glitchless change-over from a primary clock source to a secondary
clock source up to 450MHz. Selectable inputs are controlled by SEL.
During the switchover, the output will disable low for up to three clock
cycles of the previously-selected input clock. The outputs will remain
low for up to three clock cycles of the newly-selected clock, after
which the outputs will start from the newly-selected input. A FSEL
pin has been implemented to control the switchover in cases where
a clock source is absent or is driven to DC levels below the minimum
specifications.
The 5T93GL02 outputs can be asynchronously enabled/disabled.
When disabled, the outputs will drive to the value selected by the GL
pin. Multiple power and grounds reduce noise.

Features
• Guaranteed low skew: <50ps (maximum)
• Very low duty cycle distortion: <100ps (maximum)
• High speed propagation delay: <2.2ns (maximum)
• Up to 450MHz operation
• Selectable inputs
• Hot insertable and over-voltage tolerant inputs
• 3.3V/2.5V LVTTL, HSTL, eHSTL, LVEPECL (2.5V), LVPECL
(3.3V), CML or LVDS input interface
• Selectable differential inputs to two LVDS outputs
• Power-down mode
• At power-up, FSEL should be LOW
• 2.5V VDD
• -40°C to 85°C ambient operating temperature
• Available in TSSOP package
• Recommends IDT5T9302 if glitchless input selection is not
required
• Not Recommended for New Designs
• For functional replacement use 8SLVP1102




Similar Part No. - 5T93GL02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5T93GL04 RENESAS-5T93GL04 Datasheet
380Kb / 18P
2.5V LVDS, 1:4 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
More results


Similar Description - 5T93GL02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9316 IDT-IDT5T9316 Datasheet
95Kb / 12P
2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
IDT5T93GL06 IDT-IDT5T93GL06 Datasheet
108Kb / 15P
2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL10 IDT-IDT5T93GL10 Datasheet
185Kb / 15P
2.5V LVDS 1:10 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Renesas Technology Corp
5T93GL04 RENESAS-5T93GL04 Datasheet
380Kb / 18P
2.5V LVDS, 1:4 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
IDT5T9302I RENESAS-IDT5T9302I Datasheet
387Kb / 16P
2.5V LVDS, 1:2 Clock Buffer Terabuffer™II
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com