Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6T80002 Datasheet (PDF) - Renesas Technology Corp

6T80002 Datasheet PDF - Renesas Technology Corp
Part # 6T80002
Download  6T80002 Download
File Size   397.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Channel CMOS Delay Line

6T80002 Datasheet (PDF)

Go To PDF Page Download Datasheet
6T80002 Datasheet PDF - Renesas Technology Corp

Part # 6T80002
Download  6T80002 Click to download

File Size   397.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Channel CMOS Delay Line

6T80002 Datasheet (HTML) - Renesas Technology Corp


6T80002 Product details

Description
The device is a single channel, fixed delay IC. Ultra-compact
2 × 2 mm 8-DFN package with no external reference required with
extended temperature operating range

Features
 Supports 2.5V and 3.3V power supplies
 Multiple input to output delay options based on latched status
• 100ns delay time setting
• 75ns delay time setting
 Single channel operation
 -40°C to 105°C operating temperature
 Compact 2 × 2 mm 8-DFN package





Similar Description - 6T80002

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
CMOS-CCD 1H Delay Line for PAL
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
CMOS-CCD 1H Delay Line for NTSC
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
CMOS-CCD 1H Delay Line for PAL
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
CMOS-CCD Baseband 1H Delay Line
logo
List of Unclassifed Man...
1507-100G ETC1-1507-100G Datasheet
139Kb / 1P
Single-In-Line Delay Lines
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com