Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8A34041 Datasheet (PDF) - Renesas Technology Corp

8A34041 Datasheet PDF - Renesas Technology Corp
Part # 8A34041
Download  8A34041 Download
File Size   2378.4 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Channel Universal Frequency Translator

8A34041 Datasheet (PDF)

Go To PDF Page Download Datasheet
8A34041 Datasheet PDF - Renesas Technology Corp

Part # 8A34041
Download  8A34041 Click to download

File Size   2378.4 Kbytes
Page   98 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Channel Universal Frequency Translator

8A34041 Datasheet (HTML) - Renesas Technology Corp


8A34041 Product details

Features
▪ Close-in phase noise complies with Common Public Radio
Interface (CPRI) frequency synchronization requirements
▪ Supports all ITU-T G.709 frequencies
▪ Meets OTN jitter and wander requirements per ITU-T G.8251
▪ Eight independent timing channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• DPLL Digital Loop Filters (DLFs) are programmable with cut
off frequencies from 1.1Hz to 22kHz
• Generates output frequencies that are independent of input
frequencies via a Fractional Output Divider (FOD)
• Each FOD supports output phase tuning with 50ps
resolution
▪ 12 Differential / 24 LVCMOS outputs
• Frequencies from 0.5Hz to 1GHz (250MHz for LVCMOS)
• Jitter below 150fs RMS (10kHz to 20MHz)
• LVCMOS, LVDS, LVPECL, HCSL, CML, SSTL, and HSTL
output modes supported
• Differential output swing is selectable: 400mV / 650mV /
800mV / 910mV
• Independent output voltages of 3.3V, 2.5V, or 1.8V
▪ LVCMOS additionally supports 1.5V or 1.2V
• The clock phase of each output is individually programmable
in 1ns to 2ns steps with a total range of ±180°
▪ 8 differential / 16 single-ended clock inputs
• Support frequencies from 1kHz to 1GHz
• Any input can be mapped to any or all of the timing channels
• Redundant inputs frequency independent of each other
• Any input can be designated as external frame/sync pulse of
PPES (pulse per even second), 1 PPS (Pulse per Second),
5PPS, 10 PPS, 50Hz, 100Hz, 1 kHz, 2 kHz, 4kHz, and 8kHz
associated with a selectable reference clock input
• Per-input programmable phase offset of up to ±1.638s in
50ps steps
▪ Reference monitors qualify/disqualify references depending on
LOS, activity, frequency monitoring, and/or LOS input pins
• Loss of Signal (LOS) input pins (via GPIOs) can be assigned
to any input clock reference
▪ Automatic reference selection state machines select the active
reference for each DPLL based on the reference monitors,
priority tables, revertive / non-revertive, and other
programmable settings
▪ System APLL operates from fundamental-mode crystal: 25MHz
to 54MHz or from a crystal oscillator
▪ System DPLL accepts an XO, TCXO, or OCXO operating at
virtually any frequency from 1MHz to 150MHz
▪ DPLLs can be configured as DCOs to synthesize clocks under
the control of an external algorithm
• DCOs generate PTP based clocks with frequency resolution
less than 1.11 × 10-16
▪ Supports 1MHz I2
C or 50MHz SPI serial processor ports
▪ The device can configure itself automatically after reset via:
• Internal customer definable One-Time Programmable
memory with up to 16 different configurations
• Standard external I2
C EPROM via separate I2
C Master Port
▪ 1149.1 JTAG Boundary Scan
▪ 10 × 10 mm with 0.8mm ball pitch, 144-CABGA package

Description
The 8A34041 8-Channel Universal Frequency Translator is a highly integrated timing device that generates synchronous or
asynchronous clocks from any of its reference inputs. This is usable in any synthesizer or jitter attenuator application, including Optical
Transport Network (OTN) and Synchronous Ethernet (SyncE) systems.
The internal System APLL must be supplied with a low phase noise reference clock with frequency between 25MHz and 54MHz. The
output of the System APLL is used for clock synthesis by all of the Fractional Output Dividers (FODs) in the device. The System APLL
reference can come from an external crystal oscillator connected to the OSCI pin or from an internal oscillator that uses a crystal
connected between the OSCI and OSCO pins.




Similar Part No. - 8A34041

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8A34041 IDT-8A34041 Datasheet
1Mb / 90P
8-Channel Universal Frequency Translator
More results


Similar Description - 8A34041

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N241 IDT-8T49N241_18 Datasheet
1Mb / 67P
NG Universal Frequency Translator
8T49N242 IDT-8T49N242_18 Datasheet
1Mb / 66P
NG Universal Frequency Translator
8A34041 IDT-8A34041 Datasheet
1Mb / 90P
8-Channel Universal Frequency Translator
8A34042 IDT-8A34042 Datasheet
1Mb / 86P
Four-Channel Universal Frequency Translator
8A34043 IDT-8A34043 Datasheet
1Mb / 84P
Four-Channel Universal Frequency Translator
8A34044 IDT-8A34044 Datasheet
1Mb / 85P
Four-Channel Universal Frequency Translator
8A34045 IDT-8A34045 Datasheet
1Mb / 88P
Two-Channel Universal Frequency Translator
logo
Renesas Technology Corp
8A34042 RENESAS-8A34042 Datasheet
2Mb / 96P
Four-Channel Universal Frequency Translator
January 17, 2022
8A34043 RENESAS-8A34043 Datasheet
2Mb / 94P
Four-Channel Universal Frequency Translator
February 4, 2022
8A34045 RENESAS-8A34045 Datasheet
2Mb / 94P
Two-Channel Universal Frequency Translator
February 22, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com