Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ358 Datasheet (PDF) - Renesas Technology Corp

2SJ358 Datasheet PDF - Renesas Technology Corp
Part # 2SJ358
Download  2SJ358 Download
File Size   288.1 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2SJ358 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ358 Datasheet PDF - Renesas Technology Corp

Part # 2SJ358
Download  2SJ358 Click to download

File Size   288.1 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2SJ358 Datasheet (HTML) - Renesas Technology Corp


2SJ358 Product details

P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH

The 2SJ358 is a P-channel vertical MOS FET that can
be used as a switching element. The 2SJ358 can be
directly driven by an IC operating at 5 V.
The 2SJ358 features a low on-resistance and excellent
switching characteristics, and is suitable for applications
such as actuator driver and DC/DC converter.

FEATURES
• New-type compact package
Has advantages of packages for small signals and for
power transistors, and compensates those disadvantages
• Can be directly driven by an IC operating at 5 V.
• Low on-resistance
RDS(ON) = 0.40 W MAX. @VGS = –4 V, ID = –1.5 A
RDS(ON) = 0.30 W MAX. @VGS = –10 V, ID = –1.5 A




Similar Part No. - 2SJ358

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ358 NEC-2SJ358 Datasheet
97Kb / 6P
P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
logo
Renesas Technology Corp
2SJ358C RENESAS-2SJ358C Datasheet
209Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
2SJ358C-T1-AY RENESAS-2SJ358C-T1-AY Datasheet
209Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
2SJ358C-T1-AZ RENESAS-2SJ358C-T1-AZ Datasheet
209Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
More results


Similar Description - 2SJ358

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com