Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC240APW Datasheet (PDF) - NXP Semiconductors

74LVC240APW Datasheet PDF - NXP Semiconductors
Part # 74LVC240APW
Download  74LVC240APW Download
File Size   96.36 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State

74LVC240APW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC240APW Datasheet PDF - NXP Semiconductors

Part # 74LVC240APW
Download  74LVC240APW Click to download

File Size   96.36 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State

74LVC240APW Datasheet (HTML) - NXP Semiconductors


74LVC240APW Product details

DESCRIPTION

The 74LVC240A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.



FEATURES

• 5 V tolerant inputs/outputs, for interfacing with 5 V logic

• Supply voltage range from 1.2 to 3.6 V

• Complies with JEDEC standard no. 8-1A

• CMOS low power consumption

• Direct interface with TTL levels

• High-impedance when VCC=0V.




Similar Part No. - 74LVC240APW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC240A ONSEMI-74LVC240A Datasheet
94Kb / 9P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Diodes Incorporated
74LVC240A DIODES-74LVC240A Datasheet
472Kb / 10P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 1
logo
ON Semiconductor
74LVC240ADTR2G ONSEMI-74LVC240ADTR2G Datasheet
94Kb / 9P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Diodes Incorporated
74LVC240AQ20 DIODES-74LVC240AQ20 Datasheet
472Kb / 10P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 1
74LVC240AT20 DIODES-74LVC240AT20 Datasheet
472Kb / 10P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 1
More results


Similar Description - 74LVC240APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC244A PHILIPS-74LVC244A Datasheet
96Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC2G240 PHILIPS-74LVC2G240 Datasheet
90Kb / 20P
Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com