Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCT-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ27VCT-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ27VCT-Q
Download  MMBZ27VCT-Q Download
File Size   205.57 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode

MMBZ27VCT-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ27VCT-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ27VCT-Q
Download  MMBZ27VCT-Q Click to download

File Size   205.57 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode

MMBZ27VCT-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ27VCT-Q Product details

1. General description
Unidirectional double ElectroStatic Discharge (ESD) protection diode in a common cathode
configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package. The device is designed for ESD and transient overvoltage protection of up to two signal
lines.

2. Features and benefits
• Unidirectional ESD protection of two lines
• Bidirectional ESD protection of one line
• Very low diode capacitance: Cd ≤ 22 pF
• Reverse stand-off voltage: VRWM = 22 V
• Low clamping voltage: VCL = 40 V typ. at IPP = 3.2 A
• ESD protection up to 30 kV (IEC 61000-4-2)
• Ultra low leakage current: IRM < 1 nA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Automotive electronic control units
• Portable electronics




Similar Part No. - MMBZ27VCT-Q

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MMBZ27VC LEIDITECH-MMBZ27VC Datasheet
1Mb / 3P
TVS Diode Array
Rev : 01.06.2018
logo
Diodes Incorporated
MMBZ27VCL DIODES-MMBZ27VCL Datasheet
73Kb / 3P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ27VCL DIODES-MMBZ27VCL Datasheet
381Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
logo
NXP Semiconductors
MMBZ27VCL NXP-MMBZ27VCL Datasheet
79Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZ27VCL NXP-MMBZ27VCL Datasheet
87Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
More results


Similar Description - MMBZ27VCT-Q

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD3V3 PROTEC-PESD3V3 Datasheet
410Kb / 6P
DOUBLE ESD PROTECTION DIODE
logo
Nexperia B.V. All right...
PESD3V3S2UT-Q NEXPERIA-PESD3V3S2UT-Q Datasheet
245Kb / 12P
Double ESD protection diode
10 June 2022
PESD15VS2UAT-Q NEXPERIA-PESD15VS2UAT-Q Datasheet
244Kb / 11P
Double ESD protection diode
10 June 2022
PESD15VS2UT-Q NEXPERIA-PESD15VS2UT-Q Datasheet
242Kb / 11P
Double ESD protection diode
10 June 2022
PESD24VS2UT-Q NEXPERIA-PESD24VS2UT-Q Datasheet
244Kb / 11P
Double ESD protection diode
10 June 2022
PESD42VS2UT-Q NEXPERIA-PESD42VS2UT-Q Datasheet
273Kb / 12P
Double ESD protection diode array
23 September 2022
PESD5V2S2UT-Q NEXPERIA-PESD5V2S2UT-Q Datasheet
245Kb / 12P
Double ESD protection diode
10 June 2022
PESD24VV2BT NEXPERIA-PESD24VV2BT Datasheet
273Kb / 11P
Bidirectional double ESD protection diode
25 June 2019
PESD27VV2BT NEXPERIA-PESD27VV2BT Datasheet
268Kb / 11P
Bidirectional double ESD protection diode
25 June 2019
PESD42VS2UT NEXPERIA-PESD42VS2UT Datasheet
262Kb / 10P
Double ESD protection diode array
24 January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com