Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857AM Datasheet (PDF) - Nexperia B.V. All rights reserved

BC857AM Datasheet PDF - Nexperia B.V. All rights reserved
Part # BC857AM
Download  BC857AM Download
File Size   362.92 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP general purpose transistors

BC857AM Datasheet (PDF)

Go To PDF Page Download Datasheet
BC857AM Datasheet PDF - Nexperia B.V. All rights reserved

Part # BC857AM
Download  BC857AM Click to download

File Size   362.92 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP general purpose transistors

BC857AM Datasheet (HTML) - Nexperia B.V. All rights reserved


BC857AM Product details

FEATURES
•Leadless ultra small plastic package (1 mm × 0.6 mm × 0.5 mm)
•Board space 1.3 × 0.9 mm
•Power dissipation comparable to SOT23.




Similar Part No. - BC857AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857AM PHILIPS-BC857AM Datasheet
84Kb / 13P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
BC857AM PHILIPS-BC857AM Datasheet
83Kb / 10P
PNP general purpose transistors
2004 Mar 10
BC857AM NXP-BC857AM Datasheet
160Kb / 10P
PNP general purpose transistors
2004 Mar 10
logo
Nexperia B.V. All right...
BC857AM NEXPERIA-BC857AM Datasheet
228Kb / 11P
45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC857AM NEXPERIA-BC857AM Datasheet
362Kb / 11P
PNP general purpose transistors
2004 Mar 10
More results


Similar Description - BC857AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com