Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P73S674 Datasheet (PDF) - Renesas Technology Corp

8P73S674 Datasheet PDF - Renesas Technology Corp
Part # 8P73S674
Download  8P73S674 Download
File Size   479.19 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V LVPECL Clock Divider

8P73S674 Datasheet (PDF)

Go To PDF Page Download Datasheet
8P73S674 Datasheet PDF - Renesas Technology Corp

Part # 8P73S674
Download  8P73S674 Click to download

File Size   479.19 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.8V LVPECL Clock Divider

8P73S674 Datasheet (HTML) - Renesas Technology Corp


8P73S674 Product details

General Description
The 8P73S674 is a 1.8V LVPECL Clock Divider and Fanout Buffer.
The device has been designed for clock signal division and fanout in
wireless base station (radio and base band), high-end computing and
telecommunication equipment. The device is optimized to deliver
excellent phase noise performance. The 8P73S674 uses SiGe
technology for an optimum of high clock frequency and low phase
noise performance, combined with high power supply noise rejection.
The device offers the frequency division by ÷1, ÷2, ÷4 and ÷8. Four
low-skew 1.8V LVPECL outputs are available for and support clock
output frequencies up to 1GHz (÷1 frequency division). 1.8V LVPECL
outputs are terminated 50 to GND. Outputs can be disabled to save
power consumption if not used. The device is packaged in a lead-free
(RoHS 6) 20-lead VFQFN package. The extended temperature range
supports wireless infrastructure, telecommunication and networking
end equipment requirements. The device is a member of the
high-performance clock family from IDT.

Features
• Clock signal division and distribution
• SiGe technology for high-frequency and fast signal rise/fall times
• Four low-skew LVPECL clock outputs
• Supports frequency division of ÷1, ÷2, ÷4 and ÷8
• Maximum Output frequency: 1GHz
• Output skew: 100ps (maximum)
• LVPECL output rise/fall time (20% - 80%): 220ps (maximum)
• 1.8V core and output supply mode
• Supports 1.8V I/O LVCMOS logic levels for all control pins
• -40°C to +85°C ambient operating temperature
• Lead-free (RoHS 6) 20-lead VFQFN packaging




Similar Part No. - 8P73S674

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674 Datasheet
281Kb / 15P
Clock signal division and distribution
8P73S674 IDT-8P73S674 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
8P73S674NLGI IDT-8P73S674NLGI Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
8P73S674NLGI8 IDT-8P73S674NLGI8 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
More results


Similar Description - 8P73S674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U Datasheet
465Kb / 15P
3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
logo
ON Semiconductor
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7V33M ONSEMI-NB7V33M Datasheet
167Kb / 10P
1.8V / 2.5V, 10GHz 첨4 Clock Divider with CML Outputs
January, 2010 ??Rev. 2
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U_10 Datasheet
551Kb / 16P
1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
logo
Texas Instruments
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com