Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8SLVD2102 Datasheet (PDF) - Renesas Technology Corp

8SLVD2102 Datasheet PDF - Renesas Technology Corp
Part # 8SLVD2102
Download  8SLVD2102 Download
File Size   645.07 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 1:2, LVDS Output Fanout Buffer

8SLVD2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVD2102 Datasheet PDF - Renesas Technology Corp

Part # 8SLVD2102
Download  8SLVD2102 Click to download

File Size   645.07 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 1:2, LVDS Output Fanout Buffer

8SLVD2102 Datasheet (HTML) - Renesas Technology Corp


8SLVD2102 Product details

Description
The 8SLVD2102 is a high-performance differential dual 1:2 LVDS
fanout buffer. The device is designed for the fanout of high-frequency,
very low additive phase-noise clock and data signals. The
8SLVD2102 is characterized to operate from a 2.5V power supply.
Guaranteed output-to-output and part-to-part skew characteristics
make the 8SLVD2102 ideal for those clock distribution applications
demanding well-defined performance and repeatability.
Two independent buffers with two low skew outputs each are
available. The integrated bias voltage generators enables easy
interfacing of single-ended signals to the device inputs. The device is
optimized for low power consumption and low additive phase noise.

Features
• Two 1:2, low skew, low additive jitter LVDS fanout buffers
• Two differential clock inputs
• Differential pairs can accept the following differential input
levels: LVDS and LVPECL
• Maximum input clock frequency: 2GHz
• Output bank skew: 15ps (maximum)
• Propagation delay: 300ps (maximum)
• Low additive phase jitter: 200fs, RMS (maximum);
fREF = 156.25MHz, VPP = 1V, VCMR = 1V,
Integration Range 10kHz - 20MHz
• 2.5V supply voltage
• Maximum device current consumption (IDD): 90mA
• Lead-free (RoHS 6) 16-Lead VFQFPN package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8SLVD2102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102 Datasheet
386Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8SLVD2102NLGI IDT-8SLVD2102NLGI Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8SLVD2102NLGI IDT-8SLVD2102NLGI Datasheet
386Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8SLVD2102NLGI/W IDT-8SLVD2102NLGI/W Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
More results


Similar Description - 8SLVD2102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2102 IDT-8P34S2102 Datasheet
438Kb / 19P
Dual 1:2 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106 Datasheet
423Kb / 20P
Dual 1:6 LVDS Output 1.8V Fanout Buffer
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8SLVD2104 IDT-8SLVD2104 Datasheet
436Kb / 16P
Dual 1:4, LVDS Output Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2104 IDT-8P34S2104_18 Datasheet
321Kb / 17P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8SLVD2102 IDT-8SLVD2102_18 Datasheet
386Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8SLVD2104 RENESAS-8SLVD2104 Datasheet
629Kb / 17P
Dual 1:4, LVDS Output Fanout Buffer 8SLVD2104
08/03/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com