Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8SLVP1204 Datasheet (PDF) - Renesas Technology Corp

8SLVP1204 Datasheet PDF - Renesas Technology Corp
Part # 8SLVP1204
Download  8SLVP1204 Download
File Size   1793.19 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase Noise, 2:4, 3.3V, 2.5V LVPECL Output Fanout Buffer

8SLVP1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
8SLVP1204 Datasheet PDF - Renesas Technology Corp

Part # 8SLVP1204
Download  8SLVP1204 Click to download

File Size   1793.19 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Phase Noise, 2:4, 3.3V, 2.5V LVPECL Output Fanout Buffer

8SLVP1204 Datasheet (HTML) - Renesas Technology Corp


8SLVP1204 Product details

Description
The 8SLVP1204 is a high-performance differential LVPECL fanout
buffer. The device is designed for the fanout of high-frequency, very
low additive phase-noise clock and data signals. The 8SLVP1204 is
characterized to operate from a 3.3V or 2.5V power supply.
Guaranteed output-to-output and part-to-part skew characteristics
make the 8SLVP1204 ideal for clock distribution applications that
demand well-defined performance and repeatability. Two selectable
differential inputs and four low skew outputs are available. The
integrated bias voltage reference enables easy interfacing of
single-ended signals to the device inputs. The device is optimized for
low power consumption and low additive phase noise.

Features
• Four low skew, low additive jitter LVPECL output pairs
• Two selectable, differential clock input pairs
• Differential PCLKx pairs can accept the following differential input
levels: LVDS, LVPECL, CML
• Differential PCLKx pairs can also accept single-ended LVCMOS
levels. See Applications Information, “Wiring the Differential Input
to Accept Single-Ended Levels” (Figures 1A and 1B)
• Maximum input clock frequency: 2GHz
• LVCMOS interface levels for the control input, (input select)
• Output skew: 5ps (typical), at 3.63V
• Propagation delay: 200ps (typical), at 3.63V
• Low additive phase jitter, RMS; fREF = 156.25MHz, VPP = 1V,
12kHz - 20MHz: 40fs (maximum), at 3.63V
• Maximum device current consumption (IEE): 60mA (maximum),
at 3.63V
• Full 3.3V±5%, 3.3V±10% or 2.5V±5% supply
• Lead-free (RoHS 6), 16-Lead VFQFPN packaging
• -40°C to 85°C ambient operating temperature
• Supports case temperature  105°C operations
• Supports PCI Express Gen1–5




Similar Part No. - 8SLVP1204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1204 IDT-8SLVP1204 Datasheet
486Kb / 25P
Maximum input clock frequency
8SLVP1204 IDT-8SLVP1204 Datasheet
580Kb / 24P
LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1204 RENESAS-8SLVP1204 Datasheet
1Mb / 25P
Low Phase Noise, 2:4, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
logo
Integrated Device Techn...
8SLVP1204ANLGI IDT-8SLVP1204ANLGI Datasheet
580Kb / 24P
LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1204ANLGI RENESAS-8SLVP1204ANLGI Datasheet
1Mb / 25P
Low Phase Noise, 2:4, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
More results


Similar Description - 8SLVP1204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1212I IDT-8SLVP1212I Datasheet
881Kb / 25P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2102I IDT-8SLVP2102I Datasheet
956Kb / 23P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2108 IDT-8SLVP2108_16 Datasheet
847Kb / 22P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1102 RENESAS-8SLVP1102 Datasheet
1,002Kb / 24P
Low Phase Noise, 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1208 RENESAS-8SLVP1208 Datasheet
1,012Kb / 25P
Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1212 RENESAS-8SLVP1212 Datasheet
1Mb / 24P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
8SLVP2104 RENESAS-8SLVP2104 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2102 RENESAS-8SLVP2102 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
8SLVP2106 RENESAS-8SLVP2106 Datasheet
1Mb / 25P
Low Phase Noise, Dual 1-to-6, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
IDT8SLVP1104I RENESAS-IDT8SLVP1104I Datasheet
1Mb / 22P
Low Phase Noise, 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com